Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6501LP Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS6501LP
Description  PIR SENSOR INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6501LP Datasheet(HTML) 7 Page - LSI Computer Systems

  LS6501LP_08 Datasheet HTML 1Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 2Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 3Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 4Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 5Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 6Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 7Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FIGURE 5. LS6501LP DIFFERENTIAL INTERFACE TO PIR SENSOR PAIR
R1 = 36kΩ
C1 = 100µF
R2 = 2.7MΩ
C2 = 0.01µF
R3 = 36kΩ
C3 = 33µF
R4 = 2.7MΩ
C4 = 0.01µF
R5 = 36kΩ
C5 = 33µF
R6 = 36kΩ
C6 = 33µF
R7 = 36kΩ
C7 = 0.01µF
R8 = 36kΩ
C8 = 0.1µF
R9 = 5.6MΩ
C9 = 0.1µF
R10 = 5.6MΩ
PIRs = Perkin-Elmer LHi 958, 878; Nicera RE200B, SDA02-54 (Typical)
All Resistors 1/4 W. All Capacitors 10V
6501LP-090806-7
AMP 1
OUT
AMP 1
(-) IN
AMP 2
(-) IN
AMP 1
(+) IN
AMP 2
OUT
5V REG
OUT
C3
R3
C4
R4
1
2
3
14
15
16
R8
C9
R1
C1
PIR
SENSOR 1
R2
C2
LS6501LP
R7
C8
R10
R9
C7
R6
C6
R5
C5
PIR
SENSOR 2
+
-
+
-
+ -
+
-
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
NOTE: A pair of PIR Sensors may be used in applications where a wider optical field of view is needed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com