Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9328 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 9328
Description  Dual 8-Bit Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

9328 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  9328 Datasheet HTML 1Page - National Semiconductor (TI) 9328 Datasheet HTML 2Page - National Semiconductor (TI) 9328 Datasheet HTML 3Page - National Semiconductor (TI) 9328 Datasheet HTML 4Page - National Semiconductor (TI) 9328 Datasheet HTML 5Page - National Semiconductor (TI) 9328 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
Over Recommended Operating Free Air Temperature Range (Unless Otherwise Noted) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
IOS
Short Circuit
VCC e Max
MIL
b
20
b
70
mA
Output Current
(Note 2)
COMM
b
20
b
70
ICC
Supply Current
VCC e Max
77
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Switching Characteristics
VCC ea50V TA ea25 C (See Section 1 for waveforms and load configurations)
CL e 15 pF
Symbol
Parameter
RL e 400X
Units
Min
Max
fmax
Maximum Shift Right Frequency
20
MHz
tPLH
Propagation Delay
20
ns
tPHL
CP to Q7 or Q735
tPHL
Propagation Delay MR to Q7
50
ns
Functional Description
The two 8-bit shift registers have a common clock input (pin
9) and separate clock inputs (pins 10 and 7) The clocking
of each register is controlled by the OR function of the sep-
arate and the common clock input Each register is com-
posed of eight clocked RS masterslave flip-flops and a
number of gates The clock OR gate drives the eight clock
inputs of the flip-flops in parallel When the two clock inputs
(the separate and the common) to the OR gate are LOW
the slave latches are steady but data can enter the master
latches via the R and S input During the first LOW-to-HIGH
transition of either or both simultaneously of the two clock
inputs the data inputs (R and S) are inhibited so that a later
change in input data will not affect the master then the now
trapped information in the master is transferred to the slave
When the transfer is complete both the master and the
slave are steady as long as either or both clock inputs re-
main HIGH During the HIGH-to-LOW transition of the last
remaining HIGH clock input the transfer path from master
to slave is inhibited first leaving the slave steady in its pres-
ent state The data inputs (R and S) are enabled so that new
data can enter the master Either of the clock inputs can be
used as clock inhibit inputs by applying a logic HIGH signal
Each 8-bit shift register has a 2-input multiplexer in front of
the serial data input The two data inputs D0 and D1 are
controlled by the data select input (S) following the Boolean
expression
Serial data in SD e SD0 a SD1
An asynchronous master reset is provided which when acti-
vated by a LOW logic level will clear all 16 stages indepen-
dently of any other input signal
Shift Select Table
INPUTS
OUTPUT
S
D0D1Q7 (tn a 8)
LL
X
L
LH
X
H
HX
L
L
HX
H
H
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
n a 8 e indicates state after eight clock pulse
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com