Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9328 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 9328
Description  Dual 8-Bit Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

9328 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  9328 Datasheet HTML 1Page - National Semiconductor (TI) 9328 Datasheet HTML 2Page - National Semiconductor (TI) 9328 Datasheet HTML 3Page - National Semiconductor (TI) 9328 Datasheet HTML 4Page - National Semiconductor (TI) 9328 Datasheet HTML 5Page - National Semiconductor (TI) 9328 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
Military
Commercial
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
16
16
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
ts (H)
Setup Time HIGH or LOW
20
20
ns
ts (L)
Dn to CP
20
20
th (H)
Hold Time HIGH or LOW
0
0
ns
th (L)
Dn to CP
0
0
tw (H)
Clock Pulse Width HIGH
25
25
ns
tw (L)
or LOW
25
25
tw (L)
MR Pulse Width with CP HIGH
30
30
ns
tw (L)
MR Pulse Width with CP LOW
40
40
ns
trec
Recovery Time MR to CP
33
33
ns
Electrical Characteristics
Over Recommended Operating Free Air Temperature Range (Unless Otherwise Noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output Voltage
VCC e Min IOH e Max
24
34
V
VIL e Max
VOL
Low Level Output Voltage
VCC e Min IOL e Max
02
04
V
VIH e Min
II
Input Current
Max Input Voltage
VCC e Max VI e 55V
1
mA
IIH
High Level Input Current
VCC e Max VI e 24V
40
MR Dn Inputs
CP Inputs
60
m
A
S Inputs
80
CP (COM) Inputs
120
IIL
Low Level Input Current
VCC e Max VI e 04V
b
16
MR Dn Inputs
CP Inputs
b
24
mA
S Inputs
b
32
CP (COM) Input
b
48
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com