Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7030 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7030
Description  8 DECADE MULTIPLEXED COUNTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7030 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7030_03 Datasheet HTML 1Page - LSI Computer Systems LS7030_03 Datasheet HTML 2Page - LSI Computer Systems LS7030_03 Datasheet HTML 3Page - LSI Computer Systems LS7030_03 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
With VGG at -12V, VDD at OV and Vss at +5V, all inputs are TTL
and CMOS compatible. All outputs are CMOS compatible and
BCD and BLANK outputs also provide standard TTL compat-
ibility. In addition, Overflow Output is low power TTL compatible.
In either mode outputs swing between VDD and Vss.
MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNITS
Storage Temperature
Tstg
-65 to +150
°C
Operating Temperature TA
-25 to +70
°C
Voltage (any pin to Vss) Vmax
-30 to +0.5
V
PARAMETER
SYMBOL
MIN
MAX
UNITS
Operating Supply Current
Idds
-
15
mA
(fC = 7.5MHz)
Input Noise Immunity
Low and High
Vni
25%
-
V
(Vss - VDD)
Test Count Input
Vil
Vss - 20
Vss - 3.95
V
Vih
Vss - 1.0
Vss
V
Output Voltage “0"
Vol
-
+0.2
V
Output Voltage “1"
Voh
Vss - 1.0
-
V
Output Voltage “0"
(sinking 10µA)
Vol
-
+0.5
V
Output Voltage “1"
Vss = 4.75 (Voh = Vss - 0.5V)
-
0.05
-
mA
(Voh = Vss - 1V)
-
0.25
-
mA
(Voh = Vss - 4V)
-
0.90
-
mA
Vss = 10V (Voh = Vss - 2V)
-
2.0
-
mA
(Voh = Vss - 3V)
-
3.0
-
mA
Vss = 15V (Voh = Vss - 2V)
-
3.0
-
mA
(Voh = Vss - 3V)
-
4.5
-
mA
NOTE 1: Current Sink = Same as segment and strobe outputs.
Current Source = N/A at Voh = Vss - 0.5V for Vss = +4.75V
35µA at Voh = Vss - 1V for Vss = +4.75V
40% of segment and strobe outputs at all other specified operating points.
NOTE 2: Limit segment current to 4.5mA maximum.
Limit strobe current to 6mA maximum.
The following inputs have internal pull down resistors to VDD with maximum sink current of 5µA at Vss input.
Scan Reset
Test Count
Count
Decimal Point
Overflow
Lamp Test
DC ELECTRICAL CHARACTERISTICS
(VDD = VGG = OV, Vss = +4.75 to +15V, -25°C
≤ TA ≥ +70°C unless otherwise specified.)
D6, D7, D8
OF, BCD
Blank
(See Note 1)
Segment
and
Strobe
Outputs
(See Note 2)
BCD and 7 SEGMENT DATA
Data is available in BCD and 7 segment format. BCD data can be
demultiplexed using Digit Strobes as latch enable signals.
POWER SUPPLIES
+4.75 Volts to +15 Volts single power supply operation is obtained
when VGG and VDD are tied together. Inputs and outputs are
CMOS compatible and Minimum Input Noise Immunity of 25% of
power supply is guaranteed except for Test Count Input. (Inputs
are TTL compatible at +4.75V to +5.25V operation.)
SCAN OSCILLATOR
CAPACITANCE
TYPICAL OSCILLATOR FREQUENCY
4.75V
10V
15V
50pF
40.0 kHz
24.2kHz
22.2 kHz
100pF
22.2 kHz
14.8kHz
13.8 kHz
470pF
5.0 kHz
3.6kHz
3.5 kHz
750pF
3.3 kHz
2.4kHz
2.2 kHz
2000pF
1.3 kHz
0.91kHz
0.85 kHz
{
7030-012703-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com