Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7030 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7030
Description  8 DECADE MULTIPLEXED COUNTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7030 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7030_03 Datasheet HTML 1Page - LSI Computer Systems LS7030_03 Datasheet HTML 2Page - LSI Computer Systems LS7030_03 Datasheet HTML 3Page - LSI Computer Systems LS7030_03 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8 DECADE MULTIPLEXED COUNTER
FEATURES:
• DC to 7.5 MHz Count Frequency
• Multiplexed BCD and 7 Segment Outputs
• DC to 500 kHz Scan Frequency
• +4.75V to +15V Operation (Vss - Vdd)
• Compatible with CMOS Logic
• High Input Noise Immunity
• Counter Output Latches
• Leading Zero Blanking
• Low Power Dissipation
• All inputs protected
• 40 Pin DIP - See Figure 1
DESCRIPTION: (See Block Diagram, Figure 4.)
The LS7030 is a MOS, 8 decade up counter. The circuit includes
latches, multiplexer, leading zero blanking and 7 segment data
outputs.
8 DECADE UP COUNTER
The eight decade ripple through counter increments on the neg-
ative edge of the input count pulse. Maximum ripple time is 12µs
(99999999 to 00000000). Maximum count frequency is 7.5MHz.
RESET
All decades are reset to zero when Reset input is brought low for
a minimum of 4µs. The Overflow flip-flop is reset at the same
time. Reset must be high for a minimum of 1µs before next valid
count can be recorded.
LATCHES
Contents of counter are transferred to latches when LOAD signal
is brought low for a minimum of 4µs and kept low until a minimum
of 12µs has elapsed from previous negative edge of count pulse
(ripple time). Storage of valid data occurs when LOAD signal is
high for a minimum of 1µs before next negative edge of count
pulse or reset. Data is transferred for Overflow flip-flop to Over-
flow latch at the same time.
SCAN OSCILLATOR AND COUNTER
The scan counter is driven by an internal oscillator whose fre-
quency is determined by a capacitor connected between Os-
cillator input and Scan input. An external scan clock applied to
Scan input can also drive the scan counter. Scan counter ad-
vances on negative edge of scan clock.
The counter scans from MSD to LSD. When Scan Reset input is
brought high the scan counter is forced to MSD state. Internal
synchonization guarantees proper scanning no matter when Scan
Reset is brought low relative to scan clock. Maximum scan
frequency is 500kHz.
DECIMAL POINT
A high at the Decimal Point input resets the Blanking flip-flop
causing the display to unblank. Decimal Point should be brought
high at start of digit time which has active Decimal Point.
January 2003
7030 - 012703 - 1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7030
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
FIGURE 1
CONNECTION DIAGRAM - TOP VIEW
OSC. INPUT
SCAN INPUT
LAMP TEST INPUT
a
b
N.C.
c
d
COUNT INPUT
e
f
g
TEST COUNT INPUT, DIGITS 3 - 8
V SS
V GG
N.C.
N.C.
V DD
RESET COUNTER INPUT
LOAD LATCH INPUT
SCAN RESET INPUT
MSD STROBE 8
STROBE 7
STROBE 6
STROBE 5
STROBE 4
STROBE 3
STROBE 2
LSD STROBE 1
DECIMAL POINT INPUT
BLANK OUTPUT
OVERFLOW OUTPUT
OVERFLOW INPUT
DECADE 6 OUTPUT,
D8
DECADE 7 OUTPUT,
D7
DECADE 6 OUTPUT,
D6
B8
B4
B2
B1
BCD
DATA
OUTPUTS
DIGIT
STROBE
OUTPUTS
LS7030
SEGMENT
OUTPUTS
SEGMENT
OUTPUTS
DIGIT STROBES
Timing of Digit Strobes is arranged such that both edges of strobe
are guardbanded by a minimum 400ns within valid BCD data when
scan frequency is 100kHz or less. The guardband is a minimum of
200ns at 250kHz scan frequency. At 500kHz only negative edge of
Strobe is guaranteed to be within valid BCD data by a minimum
200ns.
OVERFLOW
The Overflow flip-flop sets on the first negative transition of the Over-
flow Input and remains set until Reset is brought low. Data is trans-
ferred from Overflow flip-flop to Overflow Latch when Load is brought
low. A high at the Overflow Latch causes display to unblank. Over-
flow Output is output of Overflow Latch. MSB outputs of Decades
6, 7, 8 are available for use as Overflow Input.
BLANKING
Leading zero blanking is employed. At start of each MSD to LSD
scan, display is blanked until a nonzero digit or active decimal point is
encountered. Displaly unblanks during LSD time and for a whole
scan when Overflow output is high. When Scan Reset is applied, dis-
play blanks to prevent display damage.
Blanking information is available at Blank output and is incorporated
into 7 segment information.
UL
®
A3800


Similar Part No. - LS7030_03

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7030 LSI-LS7030 Datasheet
66Kb / 4P
8 DECADE MULTIPLEXED COUNTER
More results

Similar Description - LS7030_03

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14017B MOTOROLA-MC14017B Datasheet
258Kb / 7P
Decade Counter
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B Datasheet
117Kb / 8P
Decade Counter
August, 2000 ??Rev. 4
logo
LSI Computer Systems
LS7030 LSI-LS7030 Datasheet
66Kb / 4P
8 DECADE MULTIPLEXED COUNTER
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
DECADE COUNTER/DIVIDER
Aug-2001
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B_05 Datasheet
123Kb / 8P
Decade Counter
August, 2005 ??Rev. 6
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
Decade Counter/Divider
logo
Raytheon Company
CK6476 RAYTHEON-CK6476 Datasheet
353Kb / 3P
DECADE COUNTER TUBE
logo
ON Semiconductor
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
MC14017B ONSEMI-MC14017B_14 Datasheet
117Kb / 8P
Decade Counter
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com