Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7084N Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7084N
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7084N Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7084N Datasheet HTML 1Page - LSI Computer Systems LS7084N Datasheet HTML 2Page - LSI Computer Systems LS7084N Datasheet HTML 3Page - LSI Computer Systems LS7084N Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNITS
DC Supply Voltage
VDD - VSS
16
V
Voltage at any input
VIN
VSS-0.3 to VDD+0.3
V
Operating temperature
TA
-20 to +85
ºC
Storage temperature
TSTG
-55 to 150
ºC
DC ELECTRICAL CHARACTERISTICS:
(Unless otherwise specified VDD = 3V to 12V and TA = -20ºC to +85ºC)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITION
Supply Voltage
VDD
3-
12
V
-
Supply Current
IDD
-
1.5
1.65
mA
VDD = 12V, all input frequencies=0 Hz and RBIAS= 2MΩ
MODE INPUT:
Logic 0
Vml
-
-
0.5
V
-
Logic 1
Vmh
VDD - 0.5
--
V
Logic Float
Vmf
(VDD/2) - 0.5
VDD/2
(VDD/2) + 0.5
V-
Logic 0 Input Current
Iml
-
2.2
4.2
μA
VDD = 3V
Iml
-
3.5
6.9
μA
VDD = 5V
Iml
-
8.3
16.2
μA
VDD = 12V
Logic 1 Input Current
Imh
-
-2
-9.8
μA
VDD = 3V
Imh
-
-3.4
-6.6
μA
VDD = 5V
Imh
-
-8.2
-16
μA
VDD = 12V
A,B INPUTS:
Logic 0
VABl
--
0.25VDD
V-
Logic 1
VABh
0.7VDD
--
V
-
Input Current
IABlk
-
0
10
nA
-
RBIAS INPUT:
External Resistor
RB
2K
-
10M
Ω
-
ALL OUTPUTS:
Sink Current
Iol
-
-3.2
-
mA
Iol
-
-4.8
-
mA
Iol
-
-7.2
-
mA
Source Current
Ioh
-
1.7
-
mA
Ioh
-
2.2
-
mA
Ioh
-
3.1
-
mA
TRANSIENT CHARACTERISTICS (TA = -20ºC to +85ºC)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITION
Output Clock Pulse Width
TOW
540
ns
VDD = 3V
TOW
180
ns
VDD = 5V
TOW
60
ns
VDD = 12V
A,B INPUTS:
Validation Delay
TVD
-
450
-
VDD = 3V
TVD
-
200
-
VDD = 5V
TVD
-90-
VDD = 12V
Phase Delay
TPS
TVD+TOW
∞
s-
Pulse Width
TPW
2TPS
-
∞
s-
Frequency
fA,B
-
1/(2TPW)
Hz
-
Input to output Delay
TDS
-
490
565
ns
VDD = 3V
TDS
-
220
345
ns
VDD = 5V
TDS
-
125
135
ns
VDD = 12V
7083N/7084N‐0
62315‐2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com