Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7084N Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7084N
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7084N Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7084N Datasheet HTML 1Page - LSI Computer Systems LS7084N Datasheet HTML 2Page - LSI Computer Systems LS7084N Datasheet HTML 3Page - LSI Computer Systems LS7084N Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUADRATURE CLOCK CONVERTER
FEATURES:
• x1 and x4 mode selection
• Up to 16MHz output clock frequency
• Programmable output clock pulse width
• On-chip filtering of inputs for optical or
magnetic encoder applications.
• TTL and CMOS compatible I/Os
• +3V to +12V operation (VDD - VSS)
• LS7083N, LS7084N (DIP);
LS7083N
S, LS7084NS (SOIC) - See Figure 1
INPUT/OUTPUT DESCRIPTION:
RBIAS (Pin 1)
Input for external component connection. A resistor connected
between this input and VSS adjusts the output clock pulse width
(Tow). For proper operation, the output clock pulse width must be
less than or equal to the A, B pulse separation (TOW
≤ TPS).
VDD (Pin 2)
Supply Voltage positive terminal.
VSS (Pin 3)
Supply Voltage negative terminal.
A (Pin 4)
Quadrature Clock Input A. This input has a filter circuit to validate
input logic level and eliminate encoder dither.
B (Pin 5)
Quadrature Clock Input B. This input has a filter circuit identical
to input A.
Mode (Pin 6)
Mode is a 3-state input to select resolutions x1, x2 or x4. The se-
lected resolution multiplies the input quadrature clock rate by 1, 2
and 4, respectively, in producing the outputs UPCK / DNCK and
CLK (see Figure 2).
The Mode input logic levels selects resolutions as follows:
Logic 0 = x1
Float = x2
Logic 1 = x4
LS7083N - DNCK (Pin 7)
In LS7083N, this is the DOWN Clock Output. This output consists of
low-going pulses generated when A input lags the B input.
LS7084N - UP/DN (Pin 7)
In LS7084N, this is the count direction indication output. When A
input leads the B input, the UP/DN output goes high indicating that
the count direction is UP. When A input lags the B input, UP/DN
output goes low, indicating that the count direction is DOWN.
LS7083N - UPCK (Pin 8)
In LS7083N, this is the UP Clock output. This output consists of
low-going pulses generated when A input leads the B input.
LS7084N - CLK (Pin 8)
In LS7084N, this is the combined UP Clock and DOWN Clock out-
put. The count direction at any instant is indicated by the UP/DN
output (Pin 7).
NOTE: For the LS7084N, the timing of CLK and UP/DN requires
that the counter interfacing with LS7084N counts on the rising edge
of the CLK pulses.
Applications:
• Interface incremental encoders to Up / Down Counters
(See Figure 6A and Figure 6B)
• Interface rotary encoders to Digital Potentiometers
(See Figure 7)
DESCRIPTION:
The LS7083N and LS7084N are CMOS quadrature clock con-
verters. Quadrature clocks derived from optical or magnetic en-
coders, when applied to the A and B inputs of the LS7083N or
LS7084N, are converted to strings of Up Clocks and Down
Clocks ( LS7083N) or to a Clock and an Up/Down direction con-
trol (LS7084N). These outputs can be interfaced directly with
standard Up/Down counters for direction and position sensing of
the encoder.
June 2015
7083N/84N-0
62315
-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7083N
LS7084N
UL
®
A3800
RBIAS
VDD (+V )
VSS (-V )
A
B
MODE
DNCK
UPCK
PIN ASSIGNMENT - TOP VIEW
CLK
UP/DN
FIGURE 1
1
2
3
4
8
7
6
5
RBIAS
VDD (+V )
VSS (-V )
A
B
MODE
1
2
3
4
8
7
6
5


Similar Part No. - LS7084N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7084N LSI-LS7084N Datasheet
352Kb / 4P
QUADRATURE CLOCK CONVERTER
More results

Similar Description - LS7084N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7082 LSI-LS7082 Datasheet
38Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083 Datasheet
39Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7183 LSI-LS7183 Datasheet
38Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1 Datasheet
362Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N Datasheet
352Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7183N LSI-LS7183N Datasheet
364Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083NS-14 LSI-LS7083NS-14 Datasheet
186Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N LSI-LS7082N Datasheet
178Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1_15 Datasheet
257Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083_09 Datasheet
400Kb / 4P
QUADRATURE CLOCK CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com