Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3508
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508 Datasheet(HTML) 2 Page - Sipex Corporation

  SP3508 Datasheet HTML 1Page - Sipex Corporation SP3508 Datasheet HTML 2Page - Sipex Corporation SP3508 Datasheet HTML 3Page - Sipex Corporation SP3508 Datasheet HTML 4Page - Sipex Corporation SP3508 Datasheet HTML 5Page - Sipex Corporation SP3508 Datasheet HTML 6Page - Sipex Corporation SP3508 Datasheet HTML 7Page - Sipex Corporation SP3508 Datasheet HTML 8Page - Sipex Corporation SP3508 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
ELECTRICAL SPECIFICATIONS
TA = 0 to 70°C and VCC = 3.3V ± 5% unless otherwise noted. The
♦ denotes the specifications which apply over the full operating
temperature range (-40°C to +85°C), unless otherwise specified.
V
CC ................................................................................................ +7V
Input Voltages:
Logic ................................................ -0.3V to (V
CC+0.5V)
Drivers ............................................. -0.3V to (V
CC+0.5V)
Receivers ........................................................... ±15.5V
Output Voltages:
Logic ................................................ -0.3V to (V
CC+0.5V)
Drivers ................................................................... ±12V
Receivers ........................................ -0.3V to (V
CC+0.5V)
Storage Temperature ................................................ -65
°C to +150°C
Power Dissipation ................................................................. 1520mW
(derate 19.0mW/
°C above +70°C)
Due to the relatively large package size of the 100-pin quad flat-
pack, storage in a low humidity environment is preferred. Large
high density plastic packages are moisture sensitive and should
be stored in Dry Vapor Barrier Bags. Prior to usage, the parts
should remain bagged and stored below 40°C and 60%RH. If
the parts are removed from the bag, they should be used within
Package Derating:
ø
JA
.................................................................................................................
36
.9 °C/W
ø
JC
....................................................................................................................
6.5 °C/W
These are stress ratings only and functional operation of the
device at these ratings or any other above those indicated in the
operation sections of the specifications below is not implied.
Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
ABSOLUTE MAXIMUM RATINGS
48 hours or stored in an environment at or below 20%RH. If the
above conditions cannot be followed, the parts should be
baked for four hours at 125°C in order to remove moisture prior
to soldering. Sipex ships the 100-pin LQFP in Dry Vapor
Barrier Bags with a humidity indicator card and desiccant pack.
The humidity indicator should be below 30%RH.
STORAGE CONSIDERATIONS
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
T
U
P
N
I
C
I
G
O
L
V
L
I
8
.
0
♦
♦
♦
♦
♦
V
V
H
I
0
.
2
♦
♦
♦
♦
♦
V
S
T
U
P
T
U
O
C
I
G
O
L
V
L
O
4
.
0
♦
♦
♦
♦
♦
VA
m
2
.
3
–
=
T
U
O
I
V
H
O
V
C
C
-
6
.
0
V
C
C
-
3
.
0
♦
♦
♦
♦
♦
V
A
m
0
.
1
=
T
U
O
I
)
s
t
u
p
t
u
O
(
s
r
e
t
e
m
a
r
a
P
C
D
R
E
V
I
R
D
8
2
.
V
s
t
u
p
t
u
O
e
g
a
t
l
o
V
t
i
u
c
r
i
C
n
e
p
O5
1
±
♦
♦
♦
♦
♦
V1
e
r
u
g
i
F
r
e
p
e
g
a
t
l
o
V
d
e
d
a
o
L0
.
5
±5
1
±
♦
♦
♦
♦
♦
V2
e
r
u
g
i
F
r
e
p
t
n
e
r
r
u
C
t
i
u
c
r
i
C
-
t
r
o
h
S0
0
1
±
♦
♦
♦
♦
♦
A
m4
e
r
u
g
i
F
r
e
p
e
c
n
a
d
e
p
m
I
f
f
O
-
r
e
w
o
P0
0
3
♦
♦
♦
♦
♦Ω
5
e
r
u
g
i
F
r
e
p
)
s
t
u
p
t
u
O
(
s
r
e
t
e
m
a
r
a
P
C
A
R
E
V
I
R
D
8
2
.
V
V
C
C
s
r
e
t
e
m
a
r
a
p
C
A
r
o
f
V
3
.
3
+
=
e
m
i
T
n
o
i
t
i
s
n
a
r
T5
.
1
♦
♦
♦
♦
♦
s
µV
3
-
o
t
V
3
+
,
6
e
r
u
g
i
F
r
e
p
e
t
a
R
w
e
l
S
s
u
o
e
n
a
t
n
a
t
s
n
I0
3s
µ
/
V3
e
r
u
g
i
F
r
e
p
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
L
H
P
5
.
00
.
10
.
3
♦
♦
♦
♦
♦
s
µ
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
H
L
P
5
.
00
.
10
.
3
♦
♦
♦
♦
♦
s
µ
e
t
a
R
n
o
i
s
s
i
m
s
n
a
r
T
.
x
a
M0
2
10
3
2
♦
♦
♦
♦
♦
s
p
b
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com