Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508 Datasheet(PDF) 21 Page - Sipex Corporation

Part # SP3508
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508 Datasheet(HTML) 21 Page - Sipex Corporation

Back Button SP3508 Datasheet HTML 17Page - Sipex Corporation SP3508 Datasheet HTML 18Page - Sipex Corporation SP3508 Datasheet HTML 19Page - Sipex Corporation SP3508 Datasheet HTML 20Page - Sipex Corporation SP3508 Datasheet HTML 21Page - Sipex Corporation SP3508 Datasheet HTML 22Page - Sipex Corporation SP3508 Datasheet HTML 23Page - Sipex Corporation SP3508 Datasheet HTML 24Page - Sipex Corporation SP3508 Datasheet HTML 25Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Figure 44. Functional Diagram
TxD
SD(a)
SD(b)
SDEN
VCC
VDD
C1-
C1+
+3.3V (decoupling capacitor not shown)
1µF
SP3508
TxCE
TT(a)
TT(b)
TTEN
ST
ST(a)
ST(b)
STEN
RD(a)
RxD
RDEN
RD(b)
RT(a)
RxC
RTEN
RT(b)
TxC(a)
TxC
TxCEN
TxC(b)
CS(a)
CTS
CSEN
CS(b)
DM(a)
DSR
DMEN
DM(b)
RRT(a)
DCD_DTE
RRTEN
RRT(b)
TM(a)
TM
TMEN
RTS
RS(a)
RS(b)
RSEN
DTR
TR(a)
TR(b)
TREN
DCD_DCE
RRC(a)
RRC(b)
RRCEN
LL
LL(a)
LLEN
C2-
C2+
1µF
1µF
GND
D0
D1
D2
TERM-OFF
D-LATCH
V.10-GND
RL
RL(a)
RLEN
IC
RI
ICEN
LOOPBACK
76
29
50
39
10
49
52
40
11
51
55
41
12
53
57
42
14
56
59
43
13
58
62
44
15
61
63
45
16
64
46
17
18
19
20
21
22
30
+3.3V
(See pinout assignments for
GND and V
CC pins)
74
70
72
69
AGND
31
97
99
2
32
93
95
3
33
89
91
4
34
81
83
6
35
85
87
5
36
79
77
7
37
67
8
38
65
9
60
28
V.35 MODE
RX ENABLE
51ohms
51ohms
124ohms
RECEIVER TERMINATION NETWORK
V.11 MODE
V.35 MODE
TX ENABLE
51ohms
51ohms
124ohms
V.35 DRIVER TERMINATION NETWORK
VSS1
68
VSS2
1µF
27
1µF
1µF
24
26
AVCC
C3-
C3+
Inverter
Regulated Charge Pump
CVDD
C1
C2
C3
CVSS1
CVSS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com