Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7310-S Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7310-S
Description  AC POWER CONTROLLERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7310-S Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7310-S Datasheet HTML 1Page - LSI Computer Systems LS7310-S Datasheet HTML 2Page - LSI Computer Systems LS7310-S Datasheet HTML 3Page - LSI Computer Systems LS7310-S Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M
P
N
L
MT2
G
MT1
C1
R1
R2
R9
C2
Z1
C5
D1
-
+
C4
C3
17
14
SYNC
CAP
15
10
13
12
11
18
9
16
Z2
R4
R5
V SS
RUN
PULSE
OFF
PL1
PL10
LS7310 - LS7313
FIGURE 4A.
APPLICATION SCHEMATIC FOR LS7310-LS7313
V DD
R6
C6
TRIG
RUN
PULSE
OFF
PL1
PL10
AC
MAINS
SEE NOTE 3
T
R3
RUN
PULSE
OFF
PL1
PL10
FIGURE 4B. PUSHBUTTON INTERFACE FOR LS7310, LS7311
VDD
R8
R8
R7
R8
R8
R7
R8
R8
R7
R8
R8
R7
R8
R8
R7
Vss
TP
TP
TP
TP
TP
PL10
PL1
OFF
PULSE
RUN
FIGURE 4C. TOUCH INTERFACE FOR LS7312, LS7313
SEE NOTE 4
C1 = 0.15µF, 200V (400V)
R1 = 82
Ω
C2 = See Figure 4 Value Table
R2 = 1.5M
Ω
C3 = 0.047µF
R3 = 10k
Ω
C4 = 470pF
R4 = 560
Ω (See Note 1)
C5 = See Figure 4 Value Table
R5 = 10k
Ω
C6 = 0.47µF, 200V (400V)
R6 = 1.8k
Ω, 1W (2W)
L = 100µH (200µH)
All resistors 1/4W, all capacitors 25V unless otherwise specified.
Indicates component change for 220VAC Mains.
*
*
*
R7 = 1M
Ω to 5MΩ (Select For Sensitivity)
R8 = 2.7M
Ω (4.7MΩ)
R9 = 100
Ω
Z1 = 13V ± 5%, 1W
Z2 = 6.2V, 1/4W (See Note 2)
D1 = 1N4148
T = Q4004L4 (Q5004L4)
Typical
*
*
*
7310-012703-3
*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com