Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7310-S Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7310-S
Description  AC POWER CONTROLLERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7310-S Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7310-S Datasheet HTML 1Page - LSI Computer Systems LS7310-S Datasheet HTML 2Page - LSI Computer Systems LS7310-S Datasheet HTML 3Page - LSI Computer Systems LS7310-S Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC POWER CONTROLLERS
DESCRIPTION:
The LS7310 - LS7313 are MOS integrated circuits specifically
designed for motor speed control applications in appliances
such as blenders, etc. I/Os (PLs) are provided for selecting/
indicating from one to ten power levels. The LS7310 and 7311
are designed for pushbutton control. The LS7312 and LS7313
are designed for touch control. (See Fig.4A and 4B)
INPUT/OUTPUT DESCRIPTION:
PL1 - PL10 (Pins 1 - 9, 18)
Ten inputs/outputs for selecting ten output phase angles (pow-
er levels). When no power level is selected (such as after sys-
tem power-up), PL1 - PL10 all act as inputs. When a power lev-
el is selected by applying a logic zero at one of these inputs for
TH time (See Dynamic Characteristics), the selected input
switches status to become an output in order to drive a display,
such as an LED. It switches back to the input state only when
another PL input is activated. (See Note 1)
RUN (Pin 13)
When a logic 0 is applied to the RUN input for TH time, the out-
put (TRIG) is turned on at a phase angle selected earlier by
one of the PL I/Os. If no power level was selected prior to the
application of the RUN input, the circuit remains unaffected.
Note that once the TRIG output has been enabled, its phase
angle can be altered by applying any other PL input without the
need to apply the RUN input again. (See Note 1)
OFF (Pin 11)
When a logic 0 is applied to this input for TH time, TRIG output
is turned off, if it was on. If TRIG was already off, the circuit re-
mains unaffected. Note that OFF input does not alter the power
level
selected by a PL input. Following an OFF operation,
TRIG can be turned on at the previous phase angle by applying
the RUN input. (See Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
PL2
PL3
PL4
PL5
PL6
PL7
PL8
PL9
PL10
PL1
TRIG
Vss (+V)
SYNC
CAP
RUN
PULSE
OFF
V DD (-V)
CONNECTION DIAGRAM - TOP VIEW
FIGURE 1
January 2003
7310-012703-1
APPLICATIONS:
Universal and shaded-pole motor speed control for modern
appliance designs. Eliminates awkward mechanical switch
assemblies and multi-tapped motor windings.
PULSE (Pin 12)
A logic 0 applied to this input turns the TRIG output on for
as long as the PULSE input is maintained. The PULSE input
however, has no effect if no power level is in selection or if
the TRIG output has already been turned on by means of
the RUN input. (See Note 1)
SYNC (Pin 15)
Input for PLL reference frequency (50Hz/60Hz). All internal
clock frequencies are synchronized with the SYNC input.
CAP (Pin 14)
Input for component connection for the PLL filter capacitor.
TRIG (Pin 17)
This output is designed to drive a triac in series with the
load and control its firing angle with respect to the AC line.
The LS7310 and LS7312 provide a nominal 33µs output
pulse width. Since some motors have large inductive loads
producing a large phase delay between voltage and current,
a wider output pulse may be required. The LS7311 and
LS7313 produce a 1ms output pulse width. Otherwise,
these parts are identical to the LS7310 and LS7312,
respectively.
Vss (Pin 16)
Supply voltage positive terminal.
VDD (Pin 10)
Supply voltage negative terminal (ground).
NOTE 1: LS7310, LS7311 have an internal pullup resistor on this
input and LS7312, LS7313 do not. (See DC Electrical Character-
istics.)
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7310-7313
UL
®
A3800
FEATURES:
• 10 I/Os to Select/Indicate up to ten Power Levels
• Inputs activated by Touch or Pushbutton Switch
• Output switches pure and precise AC Power to Load
• Operates with 50Hz/60Hz line frequency
• Rugged, latchup-free process technology
• +10V to +14V operation (Vss - VDD)
• LS7310 thru LS7313 (DIP);
LS7310-S thru LS7313-S (SOIC) - See Figure 1


Similar Part No. - LS7310-S

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7310 LSI-LS7310 Datasheet
41Kb / 4P
AC POWER CONTROLLERS
More results

Similar Description - LS7310-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
Programmable Controllers AC / DC.Input Module Telecommunication
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
Programmable Controllers AC / DC.Input Module Telecommunication
logo
LSI Computer Systems
LS7310 LSI-LS7310 Datasheet
41Kb / 4P
AC POWER CONTROLLERS
LS7314 LSI-LS7314 Datasheet
46Kb / 4P
AC POWER CONTROLLERS
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Toshiba Semiconductor
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
Programmable Controllers AC/DC-Input Module
logo
Nell Semiconductor Co.,...
495PT NELLSEMI-495PT Datasheet
813Kb / 3P
AC controllers
logo
LSI Computer Systems
LS7314 LSI-LS7314_03 Datasheet
70Kb / 4P
AC POWER CONTROLLERS
logo
Carlo Gavazzi Holding A...
RVLFA120075FA CARLOGAVAZZI-RVLFA120075FA Datasheet
1Mb / 11P
Motor Controllers AC Variable Frequency Drives
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com