Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1933 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW1933
Description  600mA, 500kHz, Step-Down Switching Regulator in SOT-23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1933 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW1933 Datasheet HTML 13Page - New Japan Radio NJW1933 Datasheet HTML 14Page - New Japan Radio NJW1933 Datasheet HTML 15Page - New Japan Radio NJW1933 Datasheet HTML 16Page - New Japan Radio NJW1933 Datasheet HTML 17Page - New Japan Radio NJW1933 Datasheet HTML 18Page - New Japan Radio NJW1933 Datasheet HTML 19Page - New Japan Radio NJW1933 Datasheet HTML 20Page - New Japan Radio NJW1933 Datasheet HTML 21Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
NJW1933-T
- 21 -
Ver.2016-02-22
PACKAGE OUT LINE
SOT-23-6-1
NOTES
All linear dimensions are in millimeters.
This drawing is subject to change without notice.
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights. All other trademarks
mentioned herein are property of their
respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com