Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1933 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1933
Description  600mA, 500kHz, Step-Down Switching Regulator in SOT-23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1933 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1933 Datasheet HTML 3Page - New Japan Radio NJW1933 Datasheet HTML 4Page - New Japan Radio NJW1933 Datasheet HTML 5Page - New Japan Radio NJW1933 Datasheet HTML 6Page - New Japan Radio NJW1933 Datasheet HTML 7Page - New Japan Radio NJW1933 Datasheet HTML 8Page - New Japan Radio NJW1933 Datasheet HTML 9Page - New Japan Radio NJW1933 Datasheet HTML 10Page - New Japan Radio NJW1933 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
NJW1933-T
- 7 -
Ver.2016-02-22
TYPICAL CHARACTERISTICS
Efficiency vs.Output Current
0
20
40
60
80
100
Output Current [mA]
D1 = MBRM140
L1= CDRH6D28NP: 22uH/1.2A
100
Ta=25ºC
VOUT=3.3V setting
200
500
600
300
400
0
VIN=12V
VIN=24V
Efficiency vs.Output Current
0
20
40
60
80
100
Output Current [mA]
D1 = MBRM140
L1= CDRH6D28NP: 22uH/1.2A
100
Ta=25ºC
VOUT=5V setting
200
500
600
300
400
0
VIN=12V
VIN=24V
4.0
4.1
4.2
4.3
4.4
4.5
-50
0
50
100
150
Ambient Temperature [ºC]
Under Voltage Lockout Voltage vs.
Ambient Temperature
VT_ON
VT_OFF
Oscillation Frequency vs.FB Pin Voltage
0
100
200
300
400
500
600
0
0.5
1
1.5
FB Pin Voltage [V]
VIN=12V
Ta=25ºC
Oscillation Frequency vs. Input Voltage
470
480
490
500
510
520
530
0
10
20
30
40
Input Voltage [V]
400
450
500
550
600
-50
0
50
100
150
Ambient Temperature [ºC]
Oscillation Frequency vs.
Ambient Temperature
VIN=12V
VFB=1.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com