Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBV220-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBV220-G
Description  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV220-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBV220-G Datasheet HTML 1Page - Comchip Technology CDBV220-G Datasheet HTML 2Page - Comchip Technology CDBV220-G Datasheet HTML 3Page - Comchip Technology CDBV220-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBV220-G
Forward current: 2.0A
Reverse voltage: 20V
RoHS Device
Features
- Low Forward Voltage Drop.
- Very Small SMD Package.
Mechanical Data
- Case: SOD-323, molded plastic.
- Terminals: Solderable per MIL-STD-750, method
2026.
- Polarity: Indicated by cathode end.
Dimensions in inches and (millimeter)
0.071 (1.80)
0.063 (1.60)
0.055 (1.40)
0.047 (1.20)
0.108 (2.75)
0.100 (2.55)
0.039 (1.00)
MAX.
0.014 (0.35)
0.010 (0.25)
0.019 (0.475)REF
0.006 (0.15)
0.004 (0.10)
SMD Schottky Barrier Diodes
0.003 (0.08)
Circuit Diagram
Parameter
Unit
Maximum Ratings (At Ta=25°C, unless otherwise noted)
Peak repetitive reverse voltage
Working peak reverse voltage
RMS reverse voltage
Continuous forward current
Non-repetitive peak forward surge current @ t=8.3ms
Power dissipation
Thermal resistance from junction to ambient
Junction temperature range
Symbol
VRRM
VRWM
VR(RMS)
IF
IFSM
PD
RθJA
TJ
20
2
9
250
480
400
-40 ~ +125
V
V
A
A
mW
°C/W
°C
Unit
Electrical Characteristics (At Ta=25°C, unless otherwise noted)
Reverse breakdown voltage
Reverse current
Forward voltage (Note 1)
Total capacitance
20
V
μA
pF
Conditions
VR = 4V, f = 1MHz
V(BR)
IR
VF
Ctot
100
120
IR = 1mA
VR = 10V
VR = 20V
IF = 1A
Storage temperature range
TSTG
-55 ~ +150
°C
V
0.45
0.55
IF = 2A
SOD-323
0.000 (0.00)
CDBV220-G
208
(Note 1)
(Note 2)
(Note 1)
(Note 2)
14
Note: (1) Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Note: (1)
300
≤
Pulse test: tp
≤
μs ; δ
0.02
80
Parameter
Max.
Symbol
Min.
(2) Device mounted on an FR4 PCB with copper pad 10 x 10 mm.
QW-BB050
Page 1
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CDBV220-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBV220-HF COMCHIP-CDBV220-HF Datasheet
474Kb / 4P
SMD Schottky Barrier Diodes
REV:A
More results

Similar Description - CDBV220-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBW0520 COMCHIP-CDBW0520 Datasheet
59Kb / 2P
SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
LL101B DIOTEC-LL101B_16 Datasheet
142Kb / 2P
SMD Schottky Barrier Diodes
SD101AW DIOTEC-SD101AW_16 Datasheet
132Kb / 2P
SMD Schottky Barrier Diodes
SD103AW DIOTEC-SD103AW_16 Datasheet
131Kb / 2P
SMD Schottky Barrier Diodes
logo
Comchip Technology
CDBQC0530L-HF COMCHIP-CDBQC0530L-HF Datasheet
81Kb / 4P
SMD Schottky Barrier Diodes
RB521G-30HF COMCHIP-RB521G-30HF Datasheet
191Kb / 4P
SMD Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com