Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBV220-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBV220-G
Description  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV220-G Datasheet(HTML) 3 Page - Comchip Technology

  CDBV220-G Datasheet HTML 1Page - Comchip Technology CDBV220-G Datasheet HTML 2Page - Comchip Technology CDBV220-G Datasheet HTML 3Page - Comchip Technology CDBV220-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Schottky Barrier Diodes
QW-BB050
Page 3
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
B
C
d
D
D2
D1
SOD-323
SYMBOL
(mm)
(inch)
2.142 ± 0.039
4.00 ± 0.10
1.50 + 0.10
54.40 ± 1.00
13.00 ± 1.00
4.00 ± 0.10
2.00 ± 0.10
178 ± 2.00
0.059 0.004
+
7.008 ± 0.079
0.512 ± 0.039
SYMBOL
(mm)
(inch)
0.158 ± 0.004
0.158 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.10
0.138 ± 0.004
SOD-323
1.48 ± 0.05
0.058 ± 0.002
3.30 ± 0.05
0.130 ± 0.002
1.25 ± 0.05
0.049 ± 0.002
12.30 ± 1.00
0.484 ± 0.039
8.00 0.30 /
+
–0.10
0.315 0.012 /
+
–0.004
Reel Taping Specification
D1
D2
D
W1
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com