Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4153 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW4153
Description  Switching Regulator IC for Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4153 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW4153 Datasheet HTML 14Page - New Japan Radio NJW4153 Datasheet HTML 15Page - New Japan Radio NJW4153 Datasheet HTML 16Page - New Japan Radio NJW4153 Datasheet HTML 17Page - New Japan Radio NJW4153 Datasheet HTML 18Page - New Japan Radio NJW4153 Datasheet HTML 19Page - New Japan Radio NJW4153 Datasheet HTML 20Page - New Japan Radio NJW4153 Datasheet HTML 21Page - New Japan Radio NJW4153 Datasheet HTML 22Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
NJW4153
- 21 -
Ver.2013-03-21
Inverting Converter Application Circuit
SW
GND
IN-
V+
NJW4153
ON/OFF
SBD
ON/OFF
High: ON
Low: OFF
(Standby)
C
FB
Optional
R1
910kΩ
L
10µH/3.4A
V
IN=15V
C
IN
10µF/50V
R2
51kΩ
V
OUT= -15V
C
OUT
22µF/25V
C
C
0.47µF/50V
Reference
Qty.
Part Number
Description
Manufacturer
IC
1
NJW4153U2-A
Internal 1A MOSFET SW.REG. IC
New JRC
L
1
CDRH8D28HPNP-100N
Inductor 10
µH,
3.4A(Ta=25
°C) / 2.5A(Ta=100°C)
Sumida
SBD
1
CMS16
Schottky Diode 40V, 3A
Toshiba
CIN
1
UMK325BJ106MM
Ceramic Capacitor 3225 10
µF, 50V, X5R
Taiyo Yuden
COUT
1
GRM32EB31E226KE15
Ceramic Capacitor 3225 22
µF, 25V, B
Murata
CC
1
GRM21BB31H474KA87
Ceramic Capacitor 2012 0.47
µF, 50V, B
Murata
CFB
0
⎯ (Optional)
Optional
⎯
R1
1
910k
Ω
Resistor 1608 910k
Ω, ±1%, 0.1W
Std.
R2
1
51k
Ω
Resistor 1608 51k
Ω, ±1%, 0.1W
Std.
Technical Information
Efficiency vs. Output Current
(A ver. , VIN=15V, VOUT=-15V, Ta=25°C)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current IOUT (mA)
f=1MHz
L=10
µH
Output Voltage vs. Output Current
(A ver. , VIN=15V, Ta=25°C)
-17.0
-16.5
-16.0
-15.5
-15.0
-14.5
-14.0
-13.5
-13.0
1
10
100
1000
Output Cuurent IOUT (mA)
f=1MHz
L=10
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com