Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4153 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4153
Description  Switching Regulator IC for Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4153 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4153 Datasheet HTML 3Page - New Japan Radio NJW4153 Datasheet HTML 4Page - New Japan Radio NJW4153 Datasheet HTML 5Page - New Japan Radio NJW4153 Datasheet HTML 6Page - New Japan Radio NJW4153 Datasheet HTML 7Page - New Japan Radio NJW4153 Datasheet HTML 8Page - New Japan Radio NJW4153 Datasheet HTML 9Page - New Japan Radio NJW4153 Datasheet HTML 10Page - New Japan Radio NJW4153 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NJW4153
- 7 -
Ver.2013-03-21
■TYPICAL CHARACTERISTICS
Reference Voltage vs. Temperature
(V
+=12V)
0.790
0.795
0.800
0.805
0.810
-50
-25
0
25
50
75
100 125
150
Ambient Temperature Ta (°C)
Switching Current Limit vs. Temperature
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-50
-25
0
25
50
75
100 125
150
Ambient Temperature Ta (°C)
V
+=4.6V
V
+=40V
V
+=12V
Output ON Resistance vs. Temperature
(ISW=1A)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
-25
0
25
50
75
100 125
150
Ambient Temperature Ta (°C)
V
+=4.6V
V
+=12V
V
+=40V
Under Voltage Lockout Voltage vs. Temperature
4.3
4.35
4.4
4.45
4.5
4.55
4.6
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
VT_ON
VT_OFF
Soft Start Time vs. Temperature
(V
+=12V, V
B=0.75V)
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125 150
Ambient Temperature Ta (°C)
Oscillation Frequency vs Temperature
(A ver., V
+=12V, V
IN-=0.7V)
850
900
950
1000
1050
1100
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com