Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9334J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM9334J
Description  8-Bit Addressable Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM9334J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM9334J Datasheet HTML 1Page - National Semiconductor (TI) DM9334J Datasheet HTML 2Page - National Semiconductor (TI) DM9334J Datasheet HTML 3Page - National Semiconductor (TI) DM9334J Datasheet HTML 4Page - National Semiconductor (TI) DM9334J Datasheet HTML 5Page - National Semiconductor (TI) DM9334J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6609
June 1989
9334DM9334 8-Bit Addressable Latch
General Description
The DM9334 is a high speed 8-bit Addressable Latch de-
signed for general purpose storage applications in digital
systems It is a multifunctional device capable of storing sin-
gle line data in eight addressable latches and being a one-
of-eight decoder and demultiplexer with active level high
outputs The device also incorporates an active level low
common clear for resetting all latches as well as an active
level low enable
The DM9334 has four modes of operation which are shown
in the mode selection table In the addressable latch mode
data on the data line (D) is written into the addressed latch
The addressed latch will follow the data input with all non-
addressed latches remaining in their previous states In the
memory mode all latches remain in their previous state and
are unaffected by the data or address inputs
In the one-of-eight decoding or demultiplexing mode the
addressed output will follow the state of the D input with all
other inputs in the low state In the clear mode all outputs
are low and unaffected by the address and data inputs
When operating the device as an addressable latch chang-
ing more than one bit of the address could impose a tran-
sient wrong address Therefore this should only be done
while in the memory mode
The function tables summarize the operation of the product
Features
Y
Common clear
Y
Easily expandable
Y
Random (addressable) data entry
Y
Serial to parallel capability
Y
8 bits of storageoutput of each bit available
Y
Active high demultiplexingdecoding capability
Y
Alternate MilitaryAerospace device (9334) is available
Contact a National Semiconductor Sales OfficeDistrib-
utor for specifications
Connection Diagram
Dual-In-Line Package
TLF6609 – 1
Order Number 9334DMQB 9334FMQB DM9334J or DM9334N
See NS Package Number J16A N16E or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM9334J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
DM9334N FAIRCHILD-DM9334N Datasheet
65Kb / 5P
8-Bit Addressable Latch
More results

Similar Description - DM9334J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com