Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7541 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7541
Description  TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7541 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7541_07 Datasheet HTML 1Page - LSI Computer Systems LS7541_07 Datasheet HTML 2Page - LSI Computer Systems LS7541_07 Datasheet HTML 3Page - LSI Computer Systems LS7541_07 Datasheet HTML 4Page - LSI Computer Systems LS7541_07 Datasheet HTML 5Page - LSI Computer Systems LS7541_07 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
The Figure 5 Application Schematic functions identically to that shown in Figure 4 with one less component.
Referencing Triac T1 to the +V power supply of the IC eliminates the need to AC couple the TRIAC pulse
to the Triac Gate thereby eliminating component C5.
7541-022807-5
AC
MAINS
LOAD
R1
R4
C1
D1
FIGURE 6. PUSHBUTTON APPLICATION SCHEMATIC
C3
8
7
6
5
VSS MODE CONT
CLOCK SYNC
VDD TOUCH
R2
C2
T1
G
MT2
MT1
Z1
R5
+
-
+V
-V
LS7541
C6
+
-
R6
1
2
3
4
SEE
NOTE 1
TRIG
S1
Using the Figure 5 schematic as an example, components R3, C4, C7, D1 and D2 are eliminated and
Pushbutton Switch, S1, is connected from one end of C3 to VSS. Each depression of S1 causes the
Brightness Level to change in the same way as a Touch does in Figure 5. C3 is 1000pf, 10V capacitor.
AC
MAINS
LOAD
R1
R3
R4
C1
D1
FIGURE 5. TOUCH LAMP APPLICATION SCHEMATIC
C3
C4
D2
8
7
6
5
VSS MODE CONT
CLOCK SYNC
VDD TOUCH
D3
R2
TOUCH PLATE
(LAMP BODY)
C2
T1
G
MT2
MT1
Z1
R5
+
-
+V
-V
LS7541
C6
+
-
(
SEE NOTE 2 )
R6
1
2
3
4 4
SEE
NOTE 1
TRIG
C7*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com