Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7541 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7541
Description  TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7541 Datasheet(HTML) 6 Page - LSI Computer Systems

  LS7541_07 Datasheet HTML 1Page - LSI Computer Systems LS7541_07 Datasheet HTML 2Page - LSI Computer Systems LS7541_07 Datasheet HTML 3Page - LSI Computer Systems LS7541_07 Datasheet HTML 4Page - LSI Computer Systems LS7541_07 Datasheet HTML 5Page - LSI Computer Systems LS7541_07 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
7541-032307-6
CLOCK SYNC VDD TOUCH
TRIG
VSS MODE CONT
LOAD
115VAC
MAINS
H
N
Z1
0.47µF, 200V
D1
47µF
TOUCH
PLATE
D2
D3
1k
270k
100
1000pF
10M
+
_1µF
1000pF
(
1kV)
240k
240k
+V
-V
GND
G
MT1
MT2
51
FIGURE 7. A Touch Wall Switch Step Dimmer Using the LS7541 IC.
LS7541
8
7
6
5
4
3
2
1
+
-
All resistors 1/4W, Capacitors 10V, unless otherwise noted.
T
*
* Connect to VDD, VSS or Float according to desired operation.
Z1 = 8.2V, 1/2W
D1 = 1N4004
D2, D3 = 1N4148
1000pF
(
1kV)
CLOCK SYNC VDD TOUCH
TRIG
VSS MODE CONT
LOAD
115VAC
MAINS
H
N
Z1
0.47µF, 200V
D1
47µF
270k
100
1000pF
10M
+
_1µF
240k
240k
+V
-V
GND
G
MT1
MT2
51
FIGURE 8. A Pushbutton Wall Switch Step Dimmer Using the LS7541 IC.
LS7541
8
7
6
5
4
3
2
1
+
-
All resistors 1/4W, Capacitors 10V, unless otherwise noted.
T
*
* Connect to VDD, VSS or Float according to desired operation.
Z1 = 8.2V, 1/2W
D1 = 1N4004
C3 = 1000pF, 1kV
S1
C3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com