Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSVA488 Datasheet(PDF) 3 Page - New Japan Radio

Part # NSVA488
Description  NewJRC SAW FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NSVA488 Datasheet(HTML) 3 Page - New Japan Radio

  NSVA488 Datasheet HTML 1Page - New Japan Radio NSVA488 Datasheet HTML 2Page - New Japan Radio NSVA488 Datasheet HTML 3Page - New Japan Radio NSVA488 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NSVA488 Jun. 2013
Notice
1. Use this component within operating temperature range. It might not be
satisfied with electrical specification without operating temperature range.
When it is used less than -20ºC or more than +70ºC, it might be a cause of
degradation or destruction of the component. Even if it endures during a short
time, it causes degradation of qualification.
2. When soldering iron is used, solder with the temperature at the tip of soldering
iron: 350ºC max., the time of soldering: 10 seconds max., the power of
soldering iron: 30W max..
3. Notice that the allowed time of soldering with soldering iron is accumulated
time, when soldering is repeated.
4. As rapid temperature change for cleaning after reflow soldering might be a
cause of destruction clean this component after confirming that temperature of
this component goes down to room temperature.
5. Confirm that there are not any influence for qualification to this component in
mounting on PCB when this component is cleaned.
6. As it might be a cause of degradation of destruction to apply static electricity to
this component, do not apply static electricity or excessive voltage while
assembling and measuring. And do not transport this component with bare
hand.
7. As it might be a cause of degradation or destruction to apply D.C. voltage
between each terminal, apply D.C. voltage 7.5V max. in actual circuit.
Note
1. This specification specifies the quality of this component as a single unit. Make
sure that this component is evaluated and confirmed against this specification
when it is mounted to your products.
2. The information contained herein may be changed without prior notice. It is
therefore advisable to contact New Japan Radio Company before proceeding
with the design of equipment incorporating this product.
3.
The products are designed to be used with ordinary electronic equipment (data
and communications equipment, office equipment, audio-video equipment,
measuring instruments, etc). New Japan Radio Company does not assume any
liability for the case using the products with the application required high
reliability or safety extremely (such as space equipment, sea-bottom equipment,
medical equipment etc). When intending to use any our product please contact
our sales representatives in advance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com