Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSVA488 Datasheet(PDF) 1 Page - New Japan Radio

Part # NSVA488
Description  NewJRC SAW FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NSVA488 Datasheet(HTML) 1 Page - New Japan Radio

  NSVA488 Datasheet HTML 1Page - New Japan Radio NSVA488 Datasheet HTML 2Page - New Japan Radio NSVA488 Datasheet HTML 3Page - New Japan Radio NSVA488 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NSVS488 Jun. 2013
Application
808MHz CORDLESS PHONE
Electrical Specification: (Table 1)
The device characteristics are measured in the circuit shown in Fig.1.
Maximum Rating: (Table 2)
Mechanical Specifications: (Fig.2)
Package is designed as small as 3.5x3.5x1.0[mm
3] for SMD (Surface Mount Device) type.
Notice:
This part is electrostatic discharge sensitive and may be damaged by improper handling.
Table 1. Electrical Specifications
Item
Spec.
Typ.
Input and Output Impedance
50
Ω
-
Nominal Center Frequency (f0)
808MHz
-
Insertion Loss
806~810MHz
3.5dB max.
2.3dB
Response Variation
806~810MHz
2.0dB max.
0.5dB
Input and Output VSWR
806~810MHz
2.5 max.
1.5
Out of Band Rejection
(Relative to Through Level)
789MHz
50dB min.
55dB
(Operating Temperature Range: -10~+60ºC)
Table 2. Maximum Ratings
Item
Rating
Maximum Input Power
+10dBm
Maximum DC Voltage
7.5V
Operating Temperature Range
-10~+60ºC
Storage Temperature
-20~+70ºC
NewJRC SAW FILTER
NSVA488
http://www.njr.co.jp/products/device/index.html
(Japanese)
http://www.njr.com/products/device/index.html
(English)


Similar Part No. - NSVA488

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSVA468 ETC-NSVA468 Datasheet
129Kb / 4P
JRC SAW FILTER
More results

Similar Description - NSVA488

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSTS9120 NJRC-NSTS9120 Datasheet
128Kb / 4P
NewJRC SAW FILTER
NSVA254 NJRC-NSVA254 Datasheet
259Kb / 4P
NewJRC SAW FILTER
NSVA276 NJRC-NSVA276 Datasheet
181Kb / 4P
NewJRC SAW FILTER
NSVS776 NJRC-NSVS776 Datasheet
257Kb / 4P
NewJRC SAW FILTER
NSVS802 NJRC-NSVS802_13 Datasheet
222Kb / 4P
NewJRC SAW FILTER
NSVS848 NJRC-NSVS848 Datasheet
220Kb / 4P
NewJRC SAW FILTER
NSVS1101 NJRC-NSVS1101 Datasheet
171Kb / 4P
NewJRC SAW FILTER
NSVS1120 NJRC-NSVS1120 Datasheet
257Kb / 4P
NewJRC SAW FILTER
NSVS1129 NJRC-NSVS1129 Datasheet
277Kb / 4P
NewJRC SAW FILTER
NSVS1147 NJRC-NSVS1147 Datasheet
244Kb / 4P
NewJRC SAW FILTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com