Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3544 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP3544
Description  Photocouplers Photorelay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3544 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3544 Datasheet HTML 1Page - Toshiba Semiconductor TLP3544 Datasheet HTML 2Page - Toshiba Semiconductor TLP3544 Datasheet HTML 3Page - Toshiba Semiconductor TLP3544 Datasheet HTML 4Page - Toshiba Semiconductor TLP3544 Datasheet HTML 5Page - Toshiba Semiconductor TLP3544 Datasheet HTML 6Page - Toshiba Semiconductor TLP3544 Datasheet HTML 7Page - Toshiba Semiconductor TLP3544 Datasheet HTML 8Page - Toshiba Semiconductor TLP3544 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP3544
4
11.
11.
11.
11. Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Turn-on time
Turn-off time
Turn-on time
Turn-off time
Symbol
tON
tOFF
tON
tOFF
Note
Test Condition
See Fig. 11.1.
RL = 200 Ω, VDD = 20 V, IF = 5 mA
See Fig. 11.1.
RL = 200 Ω, VDD = 20 V, IF = 10 mA
Min
Typ
2
0.1
1
0.1
Max
5
1
3
1
Unit
ms
Fig.
Fig.
Fig.
Fig. 11.1
11.1
11.1
11.1 Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
2012-03-16
Rev.2.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com