Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3544 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3544
Description  Photocouplers Photorelay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3544 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3544 Datasheet HTML 1Page - Toshiba Semiconductor TLP3544 Datasheet HTML 2Page - Toshiba Semiconductor TLP3544 Datasheet HTML 3Page - Toshiba Semiconductor TLP3544 Datasheet HTML 4Page - Toshiba Semiconductor TLP3544 Datasheet HTML 5Page - Toshiba Semiconductor TLP3544 Datasheet HTML 6Page - Toshiba Semiconductor TLP3544 Datasheet HTML 7Page - Toshiba Semiconductor TLP3544 Datasheet HTML 8Page - Toshiba Semiconductor TLP3544 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP3544
1
Photocouplers Photorelay
TLP3544
TLP3544
TLP3544
TLP3544
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Mechanical relay replacements
•
Security Systems
•
Measuring Equipments
•
Factory Automation (FA)
•
Amusement Equipments
2.
2.
2.
2. General
General
General
General
The TLP3544 photorelay consists of a photo MOSFET optically coupled to an infrared light emitting diode. It is
housed in a 6-pin DIP package. The low ON-state resistance and the high permissible ON-state current of the
the TLP3544 make it suitable for power line control applications.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Normally off (1-Form-A)
(2)
OFF-state output terminal voltage: 40 V (min)
(3)
Trigger LED current: 3 mA (max)
(4)
ON-state current: 3.5 A (max) (A connection)
(5)
ON-state resistance: 60 mΩ (max) (A connection)
(6)
Isolation voltage: 2500 Vrms (min)
(7)
Safety standards
UL-approved: UL1577 File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A, File No.E67349
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
1: Anode
2: Cathode
3: N.C.
4: Drain
5: Source
6: Drain
11-7A8S
2012-03-16
Rev.2.0


Similar Part No. - TLP3544

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3540 TOSHIBA-TLP3540 Datasheet
112Kb / 4P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP3542 TOSHIBA-TLP3542 Datasheet
84Kb / 4P
TESTERS DATA RECORDING EQUIPMENT MEASURING EQUIPMENT
TLP3542 TOSHIBA-TLP3542 Datasheet
145Kb / 6P
TESTERS DATA RECORDING EQUIPMENTS
TLP3542 TOSHIBA-TLP3542_07 Datasheet
145Kb / 6P
TESTERS DATA RECORDING EQUIPMENTS
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
More results

Similar Description - TLP3544

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com