Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3545 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3545
Description  Photocouplers Photorelay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3545 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3545 Datasheet HTML 1Page - Toshiba Semiconductor TLP3545 Datasheet HTML 2Page - Toshiba Semiconductor TLP3545 Datasheet HTML 3Page - Toshiba Semiconductor TLP3545 Datasheet HTML 4Page - Toshiba Semiconductor TLP3545 Datasheet HTML 5Page - Toshiba Semiconductor TLP3545 Datasheet HTML 6Page - Toshiba Semiconductor TLP3545 Datasheet HTML 7Page - Toshiba Semiconductor TLP3545 Datasheet HTML 8Page - Toshiba Semiconductor TLP3545 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP3545
1
Photocouplers Photorelay
TLP3545
TLP3545
TLP3545
TLP3545
1.
1.
1.
1. Applications
Applications
Applications
Applications
Mechanical relay replacements
Security Systems
Measuring Equipments
Factory Automation (FA)
Amusement Equipments
2.
2.
2.
2. General
General
General
General
The TLP3545 photorelay consists of a photo MOSFET optically coupled to an infrared light emitting diode. It is
housed in a 6-pin DIP package. The low ON-state resistance and the high permissible ON-state current of the
the TLP3545 make it suitable for power line control applications.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Normally off (1-Form-A)
(2)
OFF-state output terminal voltage: 60 V (min)
(3)
Trigger LED current: 3 mA (max)
(4)
ON-state current: 3.0 A (max) (A connection)
(5)
ON-state resistance: 70 mΩ (max) (A connection)
(6)
Isolation voltage: 2500 Vrms (min)
(7)
Safety standards
UL-approved: UL1577 File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A, File No.E67349
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
1: Anode
2: Cathode
3: N.C.
4: Drain
5: Source
6: Drain
11-7A8S
2012-03-16
Rev.2.0


Similar Part No. - TLP3545

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3545A TOSHIBA-TLP3545A Datasheet
437Kb / 17P
Photocouplers Photorelay
2020-03-17 Rev.4.0
TLP3545AF TOSHIBA-TLP3545AF Datasheet
437Kb / 17P
Photocouplers Photorelay
2020-03-17 Rev.4.0
More results

Similar Description - TLP3545

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com