Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3545 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3545
Description  Photocouplers Photorelay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3545 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3545 Datasheet HTML 1Page - Toshiba Semiconductor TLP3545 Datasheet HTML 2Page - Toshiba Semiconductor TLP3545 Datasheet HTML 3Page - Toshiba Semiconductor TLP3545 Datasheet HTML 4Page - Toshiba Semiconductor TLP3545 Datasheet HTML 5Page - Toshiba Semiconductor TLP3545 Datasheet HTML 6Page - Toshiba Semiconductor TLP3545 Datasheet HTML 7Page - Toshiba Semiconductor TLP3545 Datasheet HTML 8Page - Toshiba Semiconductor TLP3545 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP3545
3
7.
7.
7.
7. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Supply voltage
Input forward current
ON-state current (A connection)
Operating temperature
Symbol
VDD
IF
ION
Topr
Note
Min
5
-20
Typ.
10
Max
48
25
3
65
Unit
V
mA
A
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
8.
8.
8.
8. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
OFF-state current
Output capacitance
Symbol
VF
IR
Ct
IOFF
COFF
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
VOFF = 60 V
V = 0 V, f = 1 MHz
Min
1.18
Typ.
1.33
70
1000
Max
1.48
10
1
Unit
V
µA
pF
µA
pF
9.
9.
9.
9. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Trigger LED current
Return LED current
ON-state resistance (A connection)
ON-state resistance (B connection)
ON-state resistance (C connection)
Symbol
IFT
IFC
RON
Note
(Note 1)
Test Condition
ION = 1.0 A
IOFF = 10 µA
ION = 2.0 A, IF = 5 mA, t < 1 s
ION = 4.0 A, IF = 5 mA, t < 1 s
Min
0.1
Typ.
0.5
40
20
10
Max
3
70
Unit
mA
mA
mΩ
Note 1: For an application circuit example, see Fig. 12.2.
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60%
AC, 1 min
AC, 1s in oil
DC, 1 min, in oil
Min
5 × 1010
2500
Typ.
0.8
1014
5000
5000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2 and 3 are shorted together, and pins 4, 5 and 6
are shorted together.
2012-03-16
Rev.2.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com