Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2S7MSL Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF2S7MSL
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S7MSL Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF2S7MSL Datasheet HTML 1Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 2Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 3Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 4Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 5Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 6Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 7Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DF2S7MSL
1
ESD Protection Diodes Silicon Epitaxial Planar
DF2S7MSL
DF2S7MSL
DF2S7MSL
DF2S7MSL
Start of commercial production
2015-09
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
ESD Protection
Note:
This product is designed for protection against electrostatic discharge (ESD) and is not intended for any other
purpose, including, but not limited to, voltage regulation.
2.
2.
2.
2. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
SL2
1: Pin 1
2: Pin 2
3.
3.
3.
3. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Electrostatic discharge voltage (IEC61000-4-2)(Contact)
Electrostatic discharge voltage (IEC61000-4-2)(Air)
Peak pulse power(tp = 8/20 µs)
Peak pulse current(tp = 8/20 µs)
Junction temperature
Storage temperature
Symbol
VESD
PPK
IPP
Tj
Tstg
Note
(Note 1)
(Note 2)
Rating
±12
±12
60
3
150
-55 to 150
Unit
kV
W
A
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: According to IEC61000-4-2.
Note 2: According to IEC61000-4-5.
2015-12-03
Rev.1.0
©2015 Toshiba Corporation


Similar Part No. - DF2S7MSL

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
DF2S CHENDA-DF2S Datasheet
79Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 1.0 Ampere
DF2S CHENDA-DF2S Datasheet
591Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DF2S CHENDA-DF2S Datasheet
592Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Toshiba Semiconductor
DF2S10ASL TOSHIBA-DF2S10ASL Datasheet
292Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
2023-04-10 Rev.1.0
DF2S10FS TOSHIBA-DF2S10FS Datasheet
189Kb / 7P
ESD Protection Diodes Silicon Epitaxial Planar
2021-12-16 Rev.4.0
More results

Similar Description - DF2S7MSL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2B7M2CL TOSHIBA-DF2B7M2CL Datasheet
317Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B7SL TOSHIBA-DF2B7SL Datasheet
258Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2S6M4SL TOSHIBA-DF2S6M4SL Datasheet
316Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B36FU TOSHIBA-DF2B36FU Datasheet
430Kb / 10P
ESD Protection Diodes Silicon Epitaxial Planar
DF10G7M1N TOSHIBA-DF10G7M1N Datasheet
281Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B5M4ASL TOSHIBA-DF2B5M4ASL Datasheet
374Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B5BSL TOSHIBA-DF2B5BSL Datasheet
329Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
2020-05-13 Rev.2.0
DF2B5M4CT TOSHIBA-DF2B5M4CT Datasheet
365Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
2017-12-21 Rev.2.0
DF2B5M5SL TOSHIBA-DF2B5M5SL Datasheet
360Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
2018-03-12 Rev.1.0
DF2B6USL TOSHIBA-DF2B6USL Datasheet
357Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
2018-01-18 Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com