Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2S7MSL Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # DF2S7MSL
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S7MSL Datasheet(HTML) 2 Page - Toshiba Semiconductor

  DF2S7MSL Datasheet HTML 1Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 2Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 3Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 4Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 5Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 6Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 7Page - Toshiba Semiconductor DF2S7MSL Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DF2S7MSL
2
4.
4.
4.
4. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
VRWM: Working peak reverse
voltage
VBR: Reverse breakdown voltage
IBR: Reverse breakdown current
IR: Reverse current
VC: Clamp voltage
IPP: Peak pulse current
RDYN: Dynamic resistance
IF: Forward current
VF: Forward voltage
Fig.
Fig.
Fig.
Fig. 4.1
4.1
4.1
4.1 Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Characteristics
Working peak reverse voltage
Reverse breakdown voltage
Reverse current
Clamp voltage
Clamp voltage
Dynamic resistance
Total capacitance
Symbol
VRWM
VBR
IR
VC
VC
RDYN
Ct
Note
(Note 1)
(Note 2)
(Note 2)
(Note 3)
Test Condition
IR = 5 mA
VRWM = 5 V
IPP = 1 A
IPP = 3 A
ITLP = 16 A
ITLP = 30 A
VR = 0 V, f = 1 MHz
Min
6.0
Typ.
9.5
12
15
20
0.35
0.5
Max
5
10
0.5
20
0.9
Unit
V
V
µA
V
V
Ω
pF
Note 1: Based on IEC61000-4-5 8/20 µs pulse.
Note 2: TLP parameter: Z0 = 50 Ω, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns,
extraction of dynamic resistance using a least-squares fit of TLP characteristics at IPP between 8 A to 16 A.
Note 3: Guaranteed by design.
2015-12-03
Rev.1.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com