Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3073F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3073F
Description  Photocouplers GaAs Infrared LED and Photo Triac
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3073F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3073F Datasheet HTML 1Page - Toshiba Semiconductor TLP3073F Datasheet HTML 2Page - Toshiba Semiconductor TLP3073F Datasheet HTML 3Page - Toshiba Semiconductor TLP3073F Datasheet HTML 4Page - Toshiba Semiconductor TLP3073F Datasheet HTML 5Page - Toshiba Semiconductor TLP3073F Datasheet HTML 6Page - Toshiba Semiconductor TLP3073F Datasheet HTML 7Page - Toshiba Semiconductor TLP3073F Datasheet HTML 8Page - Toshiba Semiconductor TLP3073F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TLP3073,TLP3073F
1
Photocouplers GaAs Infrared LED & Photo Triac
TLP3073,TLP3073F
TLP3073,TLP3073F
TLP3073,TLP3073F
TLP3073,TLP3073F
Start of commercial production
2015-08
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Solid-State Relays
•
Triac Drivers
•
Home Electric Appliances
•
Office Equipment
2.
2.
2.
2. General
General
General
General
The TLP3073 consists of a non zero crossing photo triac, optically coupled to a gallium arsenide infrared emitting
diode. The TLP3073 is housed in the DIP6 package and guarantees insulation thickness of 0.4 mm (min). Therefore,
the TLP3073 meets the reinforced insulation class requirements of international safety standards.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Halogen-free
(2)
Peak off-state voltage: 800 V (min)
(3)
Non zero crossing functionary (NZC)
(4)
Trigger LED current: 5 mA (max)
(5)
On-state current: 100 mA (max)
(6)
Isolation voltage: 5000 Vrms (min)
(7)
Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5, EN60065 or EN60950-1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
CQC-approved: GB4943.1, GB8898 Japan Factory
Note 1: When a VDE approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
Table
Table
Table
Table 3.1
3.1
3.1
3.1 Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62 mm pitch
TLP3073
7.0 (min)
7.0 (min)
0.4 (min)
10.16 mm pitch
TLP3073F
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2016-02-03
Rev.4.0
©2016 Toshiba Corporation


Similar Part No. - TLP3073F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3020 TOSHIBA-TLP3020 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3020 TOSHIBA-TLP3020 Datasheet
313Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3021 TOSHIBA-TLP3021 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3021 TOSHIBA-TLP3021 Datasheet
347Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021 TOSHIBA-TLP3021 Datasheet
313Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results

Similar Description - TLP3073F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP265J TOSHIBA-TLP265J Datasheet
411Kb / 13P
Photocouplers GaAs Infrared LED and Photo Triac
TLP266J TOSHIBA-TLP266J_15 Datasheet
410Kb / 13P
Photocouplers GaAs Infrared LED and Photo Triac
TLP267J TOSHIBA-TLP267J Datasheet
371Kb / 13P
Photocouplers GaAs Infrared LED and Photo Triac
TLP268J TOSHIBA-TLP268J Datasheet
403Kb / 13P
Photocouplers GaAs Infrared LED and Photo Triac
TLP665L TOSHIBA-TLP665L Datasheet
541Kb / 18P
Photocouplers GaAs Infrared LED and Photo Triac
TLP3083 TOSHIBA-TLP3083 Datasheet
498Kb / 19P
Photocouplers GaAs Infrared LED and Photo Triac
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5231 TOSHIBA-TLP5231 Datasheet
1Mb / 30P
Photocouplers Infrared LED & Photo IC
2020-03-02 Rev.2.0
TLP5752H TOSHIBA-TLP5752H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com