Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC296MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC296MS8
Description  LOW LO DRIVE DOUBLE-BALANCED FET MIXER, 1.1 - 1.7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC296MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC296MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC296MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC296MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC296MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC296MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC296MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MICROWAVE CORPORATION
12 - 125
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
LOW LO DRIVE DOUBLE-BALANCED
FET MIXER, 1.1 - 1.7 GHz
HMC296MS8
v02.1201
Outline Drawing
Absolute Maximum Ratings
RF / IF Input
+20 dBm
LO Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vgg
-10V
NOTES:
1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED
PLASTIC SILICA AND SILICON IMPREGNATED.
2. LEADFRAME MATERIAL: COPPER ALLOY
3. LEADFRAME PLATING: Sn/Pb SOLDER
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
7. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com