Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC296MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC296MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC296MS8
Download  HMC296MS8 Download
File Size   187.4 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description LOW LO DRIVE DOUBLE-BALANCED FET MIXER, 1.1 - 1.7 GHz

HMC296MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC296MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC296MS8
Download  HMC296MS8 Click to download

File Size   187.4 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description LOW LO DRIVE DOUBLE-BALANCED FET MIXER, 1.1 - 1.7 GHz

HMC296MS8 Datasheet (HTML) - Hittite Microwave Corporation


HMC296MS8 Product details

General Description
The HMC296MS8 & HMC296MS8E are low LO drive, high IP3 double-balanced FET mixers in 8 lead plastic surface mount MSOP packages. This MMIC mixer is constructed of switched GaAs FETs and novel planar transformer baluns on the chip. The device can be used as an up or downconverter for 1.1 to 1.7 GHz applications. The consistent MMIC performance will improve system operation. The package dimensions are 0.118” x 0.192” (3.0 x 4.9 mm).

Features
   Input IP3: +24 dBm @ +11 dBm LO
   LO Range = +3 to +11 dBm
   Conversion Loss: 7 dB
   LO/RF Isolation: 40 dB

Typical Applications
The HMC296MS8 / HMC296MS8E is ideal for:
• Miniature Basestations
• PCMCIA
• Portable Wireless
• WirelessLAN




Similar Part No. - HMC296MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC296MS8 HITTITE-HMC296MS8_10 Datasheet
180Kb / 6P
LOW LO DRIVE DOUBLE-BALANCED FET MIXER, 1.1 - 1.7 GHz
More results


Similar Description - HMC296MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
logo
TEMIC Semiconductors
U2795B TEMIC-U2795B Datasheet
350Kb / 13P
2.5-GHz Double Balanced Mixer
logo
Agilent(Hewlett-Packard...
AMMC-3040 HP-AMMC-3040 Datasheet
319Kb / 6P
18-36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
HMMC-3040 HP-HMMC-3040 Datasheet
138Kb / 7P
20-43 GHz Double-Balanced Mixer and LO-Amplifier
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Hittite Microwave Corpo...
HMC340LP5 HITTITE-HMC340LP5_05 Datasheet
374Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
logo
HBH Microwave GmbH
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
1.1 - 1.7 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC296MS8 HITTITE-HMC296MS8_10 Datasheet
180Kb / 6P
LOW LO DRIVE DOUBLE-BALANCED FET MIXER, 1.1 - 1.7 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
logo
Broadcom Corporation.
AMMC-3040 BOARDCOM-AMMC-3040 Datasheet
708Kb / 6P
18 - 36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com