Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-3040 Datasheet (PDF) - Broadcom Corporation.

AMMC-3040 Datasheet PDF - Broadcom Corporation.
Part # AMMC-3040
Download  AMMC-3040 Download
File Size   708.55 Kbytes
Page   6 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 18 - 36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier

AMMC-3040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-3040 Datasheet PDF - Broadcom Corporation.

Part # AMMC-3040
Download  AMMC-3040 Click to download

File Size   708.55 Kbytes
Page   6 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 18 - 36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier

AMMC-3040 Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - AMMC-3040

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-3040 HP-AMMC-3040 Datasheet
319Kb / 6P
18-36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-3040 AVAGO-AMMC-3040 Datasheet
708Kb / 6P
Fundamental or subharmonic mixing
logo
Agilent(Hewlett-Packard...
AMMC-3040-W10 HP-AMMC-3040-W10 Datasheet
319Kb / 6P
18-36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
AMMC-3040-W50 HP-AMMC-3040-W50 Datasheet
319Kb / 6P
18-36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
More results


Similar Description - AMMC-3040

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC296MS8 HITTITE-HMC296MS8 Datasheet
187Kb / 6P
LOW LO DRIVE DOUBLE-BALANCED FET MIXER, 1.1 - 1.7 GHz
logo
Agilent(Hewlett-Packard...
AMMC-3040 HP-AMMC-3040 Datasheet
319Kb / 6P
18-36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
HMMC-3040 HP-HMMC-3040 Datasheet
138Kb / 7P
20-43 GHz Double-Balanced Mixer and LO-Amplifier
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292_08 Datasheet
203Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC292 HITTITE-HMC292_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC296MS8 HITTITE-HMC296MS8_10 Datasheet
180Kb / 6P
LOW LO DRIVE DOUBLE-BALANCED FET MIXER, 1.1 - 1.7 GHz
logo
Broadcom Corporation.
AMMC-3041 BOARDCOM-AMMC-3041 Datasheet
520Kb / 5P
18 - 42 GHz Double Balanced Mixer
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com