Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-3040 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-3040 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-3040
Download  AMMC-3040 Download
File Size   708.55 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Fundamental or subharmonic mixing

AMMC-3040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-3040 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-3040
Download  AMMC-3040 Click to download

File Size   708.55 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Fundamental or subharmonic mixing

AMMC-3040 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-3040 Product details

Description
The AMMC-3040 is a broadband Double-Balanced Mixer (DBM) with an integrated high-gain LO amplifier. This MMIC can be used as either an up converter or down converter in microwave or millimeter wave applications.

Features
• High IIP3: +23 dBm
• Wide bandwidth
• RF: 18-36 GHz
• LO: 18-36 GHz
• IF: DC-3 GHz
• Fundamental or subharmonic mixing
• Up or down converter
• Conversion loss: 9.5 dB
• P1dB: +17 dBm
• Low LO drive power: +2 dBm
• Usable to 42 GHz

Applications
• Point-to-point radio
• LMDS
• SATCOM




Similar Part No. - AMMC-3040

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-3040 HP-AMMC-3040 Datasheet
319Kb / 6P
18-36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
logo
Broadcom Corporation.
AMMC-3040 BOARDCOM-AMMC-3040 Datasheet
708Kb / 6P
18 - 36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
logo
Agilent(Hewlett-Packard...
AMMC-3040-W10 HP-AMMC-3040-W10 Datasheet
319Kb / 6P
18-36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
AMMC-3040-W50 HP-AMMC-3040-W50 Datasheet
319Kb / 6P
18-36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
More results


Similar Description - AMMC-3040

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6363 NJRC-NJU6363 Datasheet
100Kb / 6P
Fundamental Quartz Crystal Oscillator
logo
Hittite Microwave Corpo...
HMC1043LC3 HITTITE-HMC1043LC3 Datasheet
1Mb / 10P
GaAs MMIC FUNDAMENTAL
logo
Analog Devices
HMC554LC3B AD-HMC554LC3B Datasheet
314Kb / 6P
GaAs MMIC FUNDAMENTAL
logo
Golledge Electronics Lt...
CC1A-T3A GOLLEDGE-CC1A-T3A Datasheet
553Kb / 4P
Fundamental mode
CC7A-T1A GOLLEDGE-CC7A-T1A Datasheet
551Kb / 4P
Fundamental mode
CC7A-T3A GOLLEDGE-CC7A-T3A Datasheet
551Kb / 4P
Fundamental mode
logo
TXC Corporation.
BA-SERIES TXC-BA-SERIES Datasheet
973Kb / 1P
Fundamental solution.
CA-SERIES TXC-CA-SERIES Datasheet
936Kb / 1P
Fundamental solution.
CE-SERIES TXC-CE-SERIES Datasheet
930Kb / 1P
Fundamental solution.
DA-SERIES TXC-DA-SERIES Datasheet
938Kb / 1P
Fundamental solution.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com