Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-3040 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-3040
Description  Fundamental or subharmonic mixing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-3040 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-3040 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-3040 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-3040 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-3040 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-3040 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-3040 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
AMMC-3040 DC Specifications/Physical Properties[1]
Symbol
Parameters and Test Conditions
Units
Min.
Typical
Max.
V
D1, 2, 3, 4
Drain Supply Operating Voltage
V
2
3.5
5
I
d1
First Stage Drain Supply Current,
V
dd = 3.5 V, Vg1 = -0.5 V
mA
50
I
D2, 3, 4
Total Drain Supply Current for Stages 2, 3 and 4
(V
dd = 3.5 V, Vgg = -0.5 V)
mA
225
V
G1, 2, 3, 4
Gate Supply Operating Voltages (I
dd = 250 mA)
V
-0.5
V
p
Pinch-Off Voltage (V
dd = 3.5 V, Idd < 10 mA
V
-1.5
θ
ch-b
Thermal Resistance[2] (Backside Temp. T
b = 25°C)
°C/W
49
AMMC-3040 RF Specifications
Zo = 50 Ω, Tb = 25°C, IF Output = 2 GHz, LO Input Power = +2 dBm, RF Input Power = -20 dBm, except as noted.
Vdd = 3.5 V,
Vdd = 4.5 V,
Idd = 250 mA
Idd = 150 mA
Symbol
Parameters and Test Conditions
Units
Typ.
Max.
Typ.
Lc
Conversion Loss, Down Conversion[1]
dB
9.5
12
10
Lc
Conversion Loss, Up Conversion[2]
dB
10
10.5
ISOL
L-R
LO - RF Isolation at RF Frequency = 22 GHz[3]
dB
31
32
P
-1 dB
Input Power at 1 dB Conversion Loss
Compression, Down Conversion
dBm
17
17
IIP3
Input 3rd Order Intercept Point,
Down Conversion at RF Frequency = 22 GHz[4]
dBm
23
22
AMMC-3040 Typical Performance
Zo = 50 Ω, Tb = 25°C, IF = 2 GHz, LO Input Power = +2 dBm, RF Input Power = -20 dBm, except as noted.
Figure 2. Conversion loss, down conversion.
V
d = 3.5 V, Id = 250 mA, LO freq. = RF – IF
Figure 1. Conversion loss, up conversion. V
d = 3.5 V,
I
d = 250 mA, LO freq = RF + IF
Notes:
1. Measured in wafer form with T
chuck = 25°C. (Except θch-bs.)
2. Channel-to-backside Thermal Resistance (θch-b) = 58°C/Ω at Tchannel (Tc)=150°C as measured using the liquid crystal method. Thermal Resis-
tance at backside temperature (T
b) = 25 °C calculated from measured data.
Notes:
1. 100% on-wafer RF testing is done at RF frequency = 18, 22, and 32 GHz.
2. IF Input = 2 GHz, RF Input Power = -20 dBm, RF freq = LO + IF.
3. Does not include LO amplifier gain of ~20 dB.
4. ∆f = 2 MHz, RF Input Power = -5 dBm.
RF FREQUENCY (GHz)
20
42
22 24 26 28 30 32 34 36 38 40
14
12
10
8
6
4
2
0
LO = -4 dBm
LO = 0 dBm
LO = 4 dBm
RF FREQUENCY (GHz)
20
42
22 24 26 28 30 32 34 36 38 40
14
13
12
11
10
9
8
LO = -4 dBm
LO = 0 dBm
LO = 4 dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com