Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD85302L Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD85302L
Description  20 V Dual N-Channel NexFET Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD85302L Datasheet(HTML) 3 Page - Texas Instruments

  CSD85302L Datasheet HTML 1Page - Texas Instruments CSD85302L Datasheet HTML 2Page - Texas Instruments CSD85302L Datasheet HTML 3Page - Texas Instruments CSD85302L Datasheet HTML 4Page - Texas Instruments CSD85302L Datasheet HTML 5Page - Texas Instruments CSD85302L Datasheet HTML 6Page - Texas Instruments CSD85302L Datasheet HTML 7Page - Texas Instruments CSD85302L Datasheet HTML 8Page - Texas Instruments CSD85302L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD85302L
www.ti.com
SLPS561 – NOVEMBER 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVS1S2
Source-to-source voltage
VGS = 0 V, IS = 250 μA
20
V
IS1S2
Source-to-source leakage current
VGS = 0 V, VS1S2 = 16 V
1
μA
IGSS
Gate-to-source leakage current
VS1S2 = 0 V, VGS = 6 V
0.5
µA
VS1S2 = 0 V, VGS = 10V
4
µA
VGS(th)
Gate-to-source threshold voltage
VS1S2 = VGS, IS = 250 μA
0.68
0.9
1.3
V
VGS = 2.5 V, IS = 2 A
20
29
36
m
Ω
RS1S2(on)
Source-to-source on-resistance
VGS = 4.5 V, IS = 2 A
14
20
24
m
Ω
VGS = 6.5 V, IS = 2 A
13
18.7
22.5
m
Ω
gfs
Transconductance
VS1S2 = 2 V, IS = 2 A
19
S
DYNAMIC CHARACTERISTICS(1)
Ciss
Input capacitance
718
933
pF
Coss
Output capacitance
VGS = 0 V, VS1S2 = 10 V, ƒ = 1 MHz
92
120
pF
Crss
Reverse transfer capacitance
61
79
pF
Qg
Gate charge total (4.5 V)
6.0
7.8
nC
Qgd
Gate charge gate-to-drain
1.4
nC
VS1S2 = 10 V, IS = 2 A
Qgs
Gate charge gate-to-source
1.2
nC
Qg(th)
Gate charge at Vth
0.6
nC
Qoss
Output charge
VS1S2 = 10 V, VGS = 0 V
2.3
nC
td(on)
Turn-on delay time
37
ns
tr
Rise time
54
ns
VS1S2 = 10 V, VGS = 4.5 V,
IS1S2 = 2 A, RG = 0 Ω
td(off)
Turn-off delay time
173
ns
tf
Fall time
99
ns
(1)
Charge and timing values specified are per single FET.
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction-to-ambient thermal resistance(1)
75
°C/W
RθJA
Junction-to-ambient thermal resistance(2)
175
°C/W
(1)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD85302L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com