Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD85302L Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CSD85302L
Description  20 V Dual N-Channel NexFET Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD85302L Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD85302L Datasheet HTML 5Page - Texas Instruments CSD85302L Datasheet HTML 6Page - Texas Instruments CSD85302L Datasheet HTML 7Page - Texas Instruments CSD85302L Datasheet HTML 8Page - Texas Instruments CSD85302L Datasheet HTML 9Page - Texas Instruments CSD85302L Datasheet HTML 10Page - Texas Instruments CSD85302L Datasheet HTML 11Page - Texas Instruments CSD85302L Datasheet HTML 12Page - Texas Instruments CSD85302L Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2X (0.41)
2X (0.33)
2X (0.74)
2X (0.25)
2X (0.41)
2X (0.66)
2X (
0.25)
2X (0.37)
2X (0.51)
(R
) TYP
0.05
1
2
4
3
PKG
PKG
TYP
ALL AROUND
METAL
TYP
SOLDER MASK OPENING
2X (
0.25)
0.05 MIN
ALL AROUND
2X (0.66)
2X (0.74)
2X (0.57)
2X (0.41)
2X (0.41)
2X (0.41)
2X (0.25)
2X (0.33)
(R
) TYP
0.05
PKG
1
2
PKG
4
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
3
CSD85302L
www.ti.com
SLPS561 – NOVEMBER 2015
7.2 Recommended PCB Pattern
Land Pattern Example
Solder Mask Defined
Scale: 50X
7.3 Recommended Stencil Pattern
Solder Paste Example
Based on 0.1 mm thick stencil
Pads 2 and 4: 81% printed on solder coverage by area
Scale: 80X
1. All linear dimensions are in millimeters.
2. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525
may have alternate design recommendations.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD85302L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com