Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3992 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3992
Description  Micropower 1.5-V CMOS Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3992 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3992 Datasheet HTML 7Page - Texas Instruments LP3992 Datasheet HTML 8Page - Texas Instruments LP3992 Datasheet HTML 9Page - Texas Instruments LP3992 Datasheet HTML 10Page - Texas Instruments LP3992 Datasheet HTML 11Page - Texas Instruments LP3992 Datasheet HTML 12Page - Texas Instruments LP3992 Datasheet HTML 13Page - Texas Instruments LP3992 Datasheet HTML 14Page - Texas Instruments LP3992 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LP3992
www.ti.com
SNVS192C – OCTOBER 2002 – REVISED NOVEMBER 2015
8.3 Feature Description
8.3.1 Shutdown and Enable
The LP3992 may be switched ON or OFF by a logic input at the EN pin. A high voltage at the EN pin turns the
device on. A low voltage on the EN pin will disable the regulator, and will activate the fast turnoff circuitry to
discharge the output capacitance. When the regulator is disabled the device typically consumes 3 nA.
If the application does not require the EN feature, the EN pin must be tied to VIN to keep the regulator output
permanently on.
To ensure proper operation, the signal source used to drive the EN input must be able to swing above and below
the specified turnon or turnoff voltage thresholds listed in the Electrical Characteristics under VIL and VIH.
8.3.2 Fast Turnon and Turnoff
The controlled shutdown feature of the device provides a fast turn off by discharging the output capacitor via an
internal FET device. This discharge is current limited by the RDSON of this switch. Fast turnon is ensured by
control circuitry within the reference block allowing a very fast ramp of the output voltage to reach the target
voltage.
8.4 Device Functional Modes
8.4.1 Enable Operation
The LP3992 may be switched ON or OFF by a logic input at the EN pin. A high voltage at the EN pin turns the
device on. A low voltage on the EN pin will disable the regulator, and will activate the fast turnoff circuitry to
discharge the output capacitance. When the regulator is disabled the device typically consumes 3 nA.
If the application does not require the EN feature, the EN pin should be tied to VIN to keep the regulator output
permanently on.
To ensure proper operation, the signal source used to drive the EN input must be able to swing above and below
the specified turnon or turnoff voltage thresholds listed in the Electrical Characteristics under VIL and VIH.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com