Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3992 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3992
Description  Micropower 1.5-V CMOS Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3992 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3992 Datasheet HTML 9Page - Texas Instruments LP3992 Datasheet HTML 10Page - Texas Instruments LP3992 Datasheet HTML 11Page - Texas Instruments LP3992 Datasheet HTML 12Page - Texas Instruments LP3992 Datasheet HTML 13Page - Texas Instruments LP3992 Datasheet HTML 14Page - Texas Instruments LP3992 Datasheet HTML 15Page - Texas Instruments LP3992 Datasheet HTML 16Page - Texas Instruments LP3992 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LP3992
www.ti.com
SNVS192C – OCTOBER 2002 – REVISED NOVEMBER 2015
9.2.2.2 Input Capacitor
An input capacitor is required for stability. It is recommended that a 1-µF capacitor be connected between the
LP3992 IN pin and ground (this capacitance value may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the IN pin and returned to a clean analog
ground. Any good-quality ceramic, tantalum, or film capacitor may be used at the input.
NOTE
Tantalum capacitors can suffer catastrophic failures due to surge current when connected
to a low-impedance source of power (like a battery or a very large capacitor). If a tantalum
capacitor is used at the input, it must be ensured by the manufacturer to have a surge
current rating sufficient for the application.
There are no requirements for the equivalent series resistance (ESR) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will remain
≊
1 µF over the entire operating temperature range.
9.2.2.3 Output Capacitor
The LP3992 is designed specifically to work with very small ceramic output capacitors. A 1-µF ceramic capacitor
(dielectric types Z5U, Y5V or X7R) with ESR from 5 m
Ω to 500 mΩ, is suitable in the LP3992 application circuit.
For this device the output capacitor should be connected between the CAP pin and ground. It is also possible to
connect the output capacitor directly to the OUT pin. In this case the CAP pin must be left open-circuit or tied
directly to the OUT pin.
Tantalum or film capacitors may also be used at the device output, CAP (or OUT), but these are not as attractive
for reasons of size and cost (see Capacitor Characteristics).
The output capacitor must meet the requirement for the minimum value of capacitance and also have an ESR
value that is within the 5-m
Ω to 500-mΩ range for stability.
Table 2. Recommended Output Capacitor
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Capacitance(1)
0.7
1
µF
COUT
Output capacitor
ESR
5
500
m
Ω
(1)
The capacitor tolerance should be ±30% or better over the temperature range. The recommended capacitor type is X7R however,
dependant on the application X5R, Y5V, and Z5U can also be used.
9.2.2.4 No-Load Stability
The LP3992 will remain stable and in regulation with no external load. This is an important consideration in some
circuits, for example CMOS RAM keep-alive applications.
9.2.2.5 Capacitor Characteristics
The LP3992 is designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer. For capacitance values in the 1-µF to 4.7-µF range, ceramic capacitors are the smallest, least expensive,
and have the lowest ESR values, thus making them best for eliminating high frequency noise. The ESR of a
typical 1-µF ceramic capacitor is in the 20-m
Ω to 40-mΩ range that easily meets the ESR requirement for
stability for the LP3992.
The temperature performance of ceramic capacitors varies by type. Most large-value ceramic capacitors
(
≥ 2.2 µF) are manufactured with Z5U or Y5V temperature characteristics, which results in the capacitance
dropping by more than 50% as the temperature goes from 25°C to 85°C.
A better choice for temperature coefficient in a ceramic capacitor is X7R. This type of capacitor is the most stable
and holds the capacitance within ±15% over the temperature range.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1-µF to 4.7-µF range.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com