Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49016 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6C49016
Description  Low Power Networking Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49016 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6C49016 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
www.pericom.com
PI6C49016
Rev. B
06/25/13
PI6C49016
Low Power Networking Clock Generator
Decoupling Capacitors
Decoupling capacitors of 0.01 ìF should be connected between VDD and GND as close to the device as possible. Do not share
ground vias between components. Route power from power source through the capacitor pad and then into PI6C49016 pin.
Output Termination
The PCI-Express differential clock outputs of the PI6C49016 are push-pull and require an external series resistor. These resistor
values and their allowable locations are shown in detail in the PCI-Express Layout Guidelines section.
PCB Layout Recommendations
For optimum device performance and lowest output phase noise, the following guidelines should be observed.
1. Each 0.01μF decoupling capacitor should be mounted on the component side of the board as close to the VDD pin as possible.
2. No vias should be used between decoupling capacitor and VDD pin.
3. The PCB trace to VDD pin should be kept as short as possible, as should the PCB trace to the ground via. Distance of the fer-
rite bead and bulk decoupling from the device is less critical.
4. An optimum layout is one with all components on the same side of the board, minimizing vias through other signal layers
(any ferrite beads and bulk decoupling capacitors can be mounted on the back). Other signal traces should be routed away from
PI6C49016.This includes signal traces just underneath the device, or on layers adjacent to the ground plane layer used by the
device.
13-0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com