Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49016 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C49016
Description  Low Power Networking Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49016 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C49016 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.pericom.com
PI6C49016
Rev. B
06/25/13
PI6C49016
Low Power Networking Clock Generator
Pin Description
Pin#
Pin Name
Pin Type
Pin Description
1
VDD
Power
3.3V Supply Pin
2
GND
Power
Ground
3
VDD
Power
3.3V Supply Pin
4
NC
-
-
5
NC
-
-
6
GND
Power
Ground
7
VDD
Power
3.3V Supply Pin
8
SCLK
Input
SMBus clock input
9
SDATA
I/O
SMBus data input
10
GND
Power
Ground
11
80M
Output
80 MHz LVCMOS output. Tri-state with weak pull-
down when disabled
12
VDD
Power
3.3V Supply Pin
13
VDD
Power
3.3V Supply Pin
14
GNDX
Power
Ground
15
PD_RESET
Input
Global reset input powers down PLLs plus tri-states
outputs and sets the I2C tables to their default state
when pulled low. Controlled by external POR
Pin List
Power Grouping
Pins
Group Description
1, 3, 7, 30 Power for PCIe clocks
12
Power for 80 MHz PLL and output
13, 22, 28 Power for 60/66 MHz PLL and outputs
18
Power for crystal oscillator
19
Output Power for 125 MHz
25
Power for 125 MHz PLL
35, 37
Digital power
1
GND
40-pin QFN
VDD
GND
GND
VDD
GND
VDD
GND
11
21
31
NC
NC
VDD
SCLK
SDATA
GND
66.66M
NC
VDD
GND
VDD
VDD
13-0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com