Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDVR5V0-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDVR5V0-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR5V0-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDVR5V0-HF Datasheet HTML 1Page - Comchip Technology CPDVR5V0-HF Datasheet HTML 2Page - Comchip Technology CPDVR5V0-HF Datasheet HTML 3Page - Comchip Technology CPDVR5V0-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDVR5V0-HF
Page 1
Comchip Technology CO., LTD.
REV: C
QW-JP042
RoHS Device
- IEC61000-4-2 Level 4 ESD Protection.
- Fast response time.
- Low leakage current.
- Low reverse clamping voltage.
Features
Dimensions in inches and (millimeter)
WBFBP-02C-C
Circuit Diagram
Company reserves the right to improve product design , functions and reliability without notice.
Mechanical data
- Case: WBFBP-02C-C Plastic-Encapsulate Diodes
- Mounting position: Any.
- Marking code: Y
Halogen Free
0.027(0.68)
0.023(0.58)
0.014(0.36)
0.002(0.05)
0.002(0.05)
0.015(0.37)
0.011(0.27)
0.015(0.39)
REF.
REF.
REF.
REF.
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.004(0.09)
0.020(0.50)
0.016(0.40)
0.017(0.42)
REF.
kV
±25
VESD
°C
-55 to +150
150
TJ
Junction temperature
IEC 61000-4-2 ESD Voltage
Parameter
Symbol
Limit
Unit
Maximum Ratings (at TA=25°C unless otherwise noted)
Storage temperature rang
TSTG
±25
°C
A
4
ESD Voltage
260
Per Human Body Model
Machine Model
°C
SMD ESD Protection Diode
0.000(0.01)
- Terminals: Tin plated, solderable per
MIL-STD-750,method 2026.
- Bi-directional ESD protection of one line.
- JESD22-A114-B ESD Rating of class 3B
per human body model.
-
(1) Device stressed with ten non-repetitive ESD pulses.
Air Model
Contact Model
JESD22-A114-B ESD Voltage
Peak Pulse Power
Peak Pulse Current
Lead Solder Temperature - Maximum (10 Second Duration)
PPP
IPP
TL
±16
±0.4
40
W
(1)
(2)
(2)
Notes:
(2) Non-repetitive current pulse 8/20μs exponential decay waveform according to IEC61000-4-5.


Similar Part No. - CPDVR5V0-HF

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
CPDVR5V0-HF LEIDITECH-CPDVR5V0-HF Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Similar Description - CPDVR5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com