Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDVR5V0-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDVR5V0-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR5V0-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDVR5V0-HF Datasheet HTML 1Page - Comchip Technology CPDVR5V0-HF Datasheet HTML 2Page - Comchip Technology CPDVR5V0-HF Datasheet HTML 3Page - Comchip Technology CPDVR5V0-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CPDVR5V0-HF)
-100
-75
-50
-25
0
25
50
TA=100°C
TA=25°C
Pulsed
75
100
Reverse Voltage, (V)
0
3
6
9
12
15
TA=25°C
f=1MHz
SMD ESD Protection Diode
μA
V
5
IR
VRWM
Reverse leakage current
Reverse stand-off voltage
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
VRWM = 5 V
Electrical Characteristics (at TA=25°C unless otherwise noted)
Breakdown voltage
IT = 1 mA
V(BR)
Clamping voltage
IPP = 4 A
VC
V
5.8
Junction capacitance
CJ
15
pF
0.1
10
V
8.0
VR = 0V , f = 1MHz
-
-
-
-
-
-
-
-
12
Fig.2 - Capacitance Characteristics
Fig.1 - Reverse Characteristics
Reverse Voltage, (V)
-8
-6
-4
-2
8
6
4
2
0
6
4
2
0
5
3
1
Fig.3 - VC
IPP
—
Reverse Peak Pulse Current, (A)
8.0
7.5
7.0
6.5
6.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA=25°C
tp=8/20μs
Page 2
Comchip Technology CO., LTD.
REV: C
QW-JP042
Company reserves the right to improve product design , functions and reliability without notice.
(1)
(2)
(1) Other
.
voltages available upon request
Notes:
(2) Non-repetitive current pulse 8/20μs exponential decay waveform according to IEC61000-4-5.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com