Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA80 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMA80
Description  Cascadable Amplifier 20 to 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA80 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMA80 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA80 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMA80 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
20 to 500 MHz
Rev. V2
A80 / SMA80
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
10-550
20-500
20-500
Small Signal Gain (min)
dB
29.0
27.5
26.5
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
39
Noise Figure (max)
dB
2.3
3.0
3.4
Power Output
@ 1 dB comp. (min)
dBm
14.3
13.0
12.5
IP3
dBm
+27
IP2
dBm
+33
Second Order Harmonic IP
dBm
+40
VSWR Input / Output (max)
1.4:1 / 1.8:1
1.8:1 / 2.1:1
2.0:1 / 2.3:1
DC Current @ 15 Volts (max)
mA
45
49
52
Features
 HIGH REVERSE ISOLATION 39 dB (TYP.)
 VERY LOW NOISE 2.3 dB (TYP.)
 HIGH GAIN 29 dB (TYP.)
 MEDIUM LEVEL OUTPUT +14.3 dBm (TYP.)
Description
The A80 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays
impressive performance over a broadband frequency range.
An isolation transformer is used in the feedback loop, with the
benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A80
TO-8
SMA80
Surface Mount
MAAM-008731-00CA80
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+6 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.27 W
Junction Temperature Rise
Above Case Tjc
12.2ºC
* Over temperature performance limits for part number CA80, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - SMA80

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA80 MACOM-SMA80 Datasheet
356Kb / 2P
Cascadable Amplifier 20 to 500 MHz
logo
M/A-COM Technology Solu...
SMA80 MA-COM-SMA80 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Tyco Electronics
SMA80-1 MACOM-SMA80-1 Datasheet
100Kb / 1P
10 TO 200 MHz CASCADABLE AMPLIFIER
SMA80-1 MACOM-SMA80-1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 200 MHz
logo
M/A-COM Technology Solu...
SMA80-1 MA-COM-SMA80-1 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - SMA80

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A81-2 MACOM-A81-2 Datasheet
100Kb / 1P
20 TO 500 MHz CASCADABLE AMPLIFIER
A80 MACOM-A80 Datasheet
356Kb / 2P
Cascadable Amplifier 20 to 500 MHz
A81-3 MACOM-A81-3 Datasheet
357Kb / 2P
Cascadable Amplifier 20 to 500 MHz
A57 MACOM-A57_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 500 MHz
A81-2 MACOM-A81-2_1 Datasheet
383Kb / 2P
Cascadable Amplifier 20 to 500 MHz
AL7 MACOM-AL7 Datasheet
422Kb / 2P
Cascadable Amplifier 50 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A81-3 MA-COM-A81-3_15 Datasheet
634Kb / 3P
Cascadable Amplifier 20 to 500 MHz
logo
Teledyne Technologies I...
UTOUTC0546 TELEDYNE-UTOUTC0546 Datasheet
171Kb / 6P
Thin-Film Cascadable Amplifier 20 to 500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com