Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLA88 Datasheet (PDF) - Tyco Electronics

SMLA88 Datasheet PDF - Tyco Electronics
Part # SMLA88
Download  SMLA88 Download
File Size   396.59 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 500 MHz

SMLA88 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMLA88 Datasheet PDF - Tyco Electronics

Part # SMLA88
Download  SMLA88 Click to download

File Size   396.59 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 500 MHz

SMLA88 Datasheet (HTML) - Tyco Electronics


SMLA88 Product details

Description
The LA88 limiting amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This design uses a Schottky diode limiter circuit at the input, and a single stage bipolar transistor feedback amplifier at the output. An RF choke is used for DC power supply decoupling. Both TO-8 and Surface Mount packages are
hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• AVAILABLE IN SURFACE MOUNT
• SYMMETRICAL CLIPPING GOOD EVE-ORDER SUPPRESSION
• HIGH OUTPUT LEVEL: +17 dBm (TYP.)
• HIGH THIRD-ORDER IP: +28 dBm (TYP.)




Similar Part No. - SMLA88

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
Low Current Type (IF=<10mA) Side view chip LEDs
SMLA12BC4T ROHM-SMLA12BC4T Datasheet
265Kb / 3P
Low Current Type (IF=<10mA) Side view chip LEDs
SMLA12BC7T ROHM-SMLA12BC7T Datasheet
305Kb / 3P
Low Current Side View Chip LED
SMLA12BC7T ROHM-SMLA12BC7T Datasheet
1Mb / 4P
Side-view type
SMLA12BC7T ROHM-SMLA12BC7T Datasheet
1Mb / 4P
Compact size side-view LEDs
More results


Similar Description - SMLA88

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A83 MACOM-A83 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A515 MACOM-A515 Datasheet
405Kb / 2P
Cascadable Amplifier 10 to 500 MHz
PA511 MACOM-PA511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MACOM-RA89-1 Datasheet
467Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com