Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A83 Datasheet (PDF) - Tyco Electronics

A83 Datasheet PDF - Tyco Electronics
Part # A83
Download  A83 Download
File Size   354.28 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 500 MHz

A83 Datasheet (PDF)

Go To PDF Page Download Datasheet
A83 Datasheet PDF - Tyco Electronics

Part # A83
Download  A83 Click to download

File Size   354.28 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 500 MHz

A83 Datasheet (HTML) - Tyco Electronics


A83 Product details

Description

The A83 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability. This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.

Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

• HIGH GAIN-TWO STAGES: 30 dB (TYP.)

• LOW POWER DRAIN 65 mW @ 5 VOLTS (TYP.)

• VOLTAGE CONTROLLED GAIN 27 dB TO 34 dB @ Vcc = 3 TO 12 VOLTS

• LOW VSWR 1.3:1 (TYP.)



 




Similar Part No. - A83

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A83 MA-COM-A83 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A83-1 MACOM-A83-1 Datasheet
106Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A83-1 MACOM-A83-1 Datasheet
377Kb / 2P
Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A83-1 MA-COM-A83-1 Datasheet
639Kb / 3P
Cascadable Amplifier
More results


Similar Description - A83

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A515 MACOM-A515 Datasheet
405Kb / 2P
Cascadable Amplifier 10 to 500 MHz
PA511 MACOM-PA511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MACOM-RA89-1 Datasheet
467Kb / 2P
Cascadable Amplifier 10 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com