Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A53 Datasheet (PDF) - Tyco Electronics

A53 Datasheet PDF - Tyco Electronics
Part # A53
Download  A53 Download
File Size   354.86 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 500 MHz

A53 Datasheet (PDF)

Go To PDF Page Download Datasheet
A53 Datasheet PDF - Tyco Electronics

Part # A53
Download  A53 Click to download

File Size   354.86 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 500 MHz

A53 Datasheet (HTML) - Tyco Electronics


A53 Product details

Description

The A53 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.

This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

• AVAILABLE IN SURFACE MOUNT

• LOW NOISE: 3.0 dB (TYP.)

• MEDIUM THIRD ORDER I.P.: +16 dBm (TYP.)

• MEDIUM GAIN 15 dB (TYP.)



 




Similar Part No. - A53

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
A53 CONNOR-WINFIELD-A53 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A53 MA-COM-A53 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
Pentair Equipment Prote...
A53 HOFFMANPRODUCTS-A53 Datasheet
296Kb / 2P
INLINE™ Accessories
logo
Moxa Inc.
A53-DB25FW/ADAPTER MOXA-A53-DB25FW/ADAPTER Datasheet
235Kb / 3P
Entry-level RS-232 to RS-422/485 converters
A53-DB25FW/OADAPTER MOXA-A53-DB25FW/OADAPTER Datasheet
235Kb / 3P
Entry-level RS-232 to RS-422/485 converters
More results


Similar Description - A53

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A83 MACOM-A83 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A515 MACOM-A515 Datasheet
405Kb / 2P
Cascadable Amplifier 10 to 500 MHz
PA511 MACOM-PA511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MACOM-RA89-1 Datasheet
467Kb / 2P
Cascadable Amplifier 10 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com