Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A53 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A53 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A53
Download  A53 Download
File Size   1333.28 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 500 MHz

A53 Datasheet (PDF)

Go To PDF Page Download Datasheet
A53 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A53
Download  A53 Click to download

File Size   1333.28 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 500 MHz

A53 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A53 Product details

Description
The A53 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• AVAILABLE IN SURFACE MOUNT
• LOW NOISE: 3.0 dB (TYP.)
• MEDIUM THIRD ORDER I.P.: +16 dBm (TYP.)
• MEDIUM GAIN 15 dB (TYP.)




Similar Part No. - A53

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
Connor-Winfield Corpora...
A53 CONNOR-WINFIELD-A53 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
Pentair Equipment Prote...
A53 HOFFMANPRODUCTS-A53 Datasheet
296Kb / 2P
INLINE™ Accessories
logo
Moxa Inc.
A53-DB25FW/ADAPTER MOXA-A53-DB25FW/ADAPTER Datasheet
235Kb / 3P
Entry-level RS-232 to RS-422/485 converters
A53-DB25FW/OADAPTER MOXA-A53-DB25FW/OADAPTER Datasheet
235Kb / 3P
Entry-level RS-232 to RS-422/485 converters
More results


Similar Description - A53

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A83 MACOM-A83 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A515 MACOM-A515 Datasheet
405Kb / 2P
Cascadable Amplifier 10 to 500 MHz
PA511 MACOM-PA511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
Cascadable Amplifier 10 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com