Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08060 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08060
Description  8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08060 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC08060 Datasheet HTML 10Page - National Semiconductor (TI) ADC08060 Datasheet HTML 11Page - National Semiconductor (TI) ADC08060 Datasheet HTML 12Page - National Semiconductor (TI) ADC08060 Datasheet HTML 13Page - National Semiconductor (TI) ADC08060 Datasheet HTML 14Page - National Semiconductor (TI) ADC08060 Datasheet HTML 15Page - National Semiconductor (TI) ADC08060 Datasheet HTML 16Page - National Semiconductor (TI) ADC08060 Datasheet HTML 17Page - National Semiconductor (TI) ADC08060 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Applications Information (Continued)
The reference bias circuit of Figure 2 is very simple and the
performance is adequate for many applications. However,
circuit tolerances will lead to a wide reference voltage range.
Superior performance can generally be achieved by driving
the reference pins with a low impedance source.
The circuit of Figure 3 will allow a more accurate setting of
the reference voltages. The lower amplifier must have bipo-
lar supplies as its output voltage must go negative to force
V
RB to any voltage below the VBE of the PNP transistor. Of
course, the divider resistors at the amplifier input could be
changed to suit your reference voltage needs, or the divider
can be replaced with potentiometers for precise settings.
The bottom of the ladder (V
RB) may simply be returned to
ground if the minimum input signal excursion is 0V. Be sure
that the driving sources can source sufficient current into the
V
RT pin and sink enough current from the VRB pin to keep
these pins stable.
The LMC662 amplifier shown was chosen for its low offset
voltage and low cost.
20006232
FIGURE 2. Simple, low component count reference biasing. Because of the ladder and external resistor tolerances,
the reference voltage can vary too much for some applications.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com