Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08060 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08060
Description  8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08060 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC08060 Datasheet HTML 11Page - National Semiconductor (TI) ADC08060 Datasheet HTML 12Page - National Semiconductor (TI) ADC08060 Datasheet HTML 13Page - National Semiconductor (TI) ADC08060 Datasheet HTML 14Page - National Semiconductor (TI) ADC08060 Datasheet HTML 15Page - National Semiconductor (TI) ADC08060 Datasheet HTML 16Page - National Semiconductor (TI) ADC08060 Datasheet HTML 17Page - National Semiconductor (TI) ADC08060 Datasheet HTML 18Page - National Semiconductor (TI) ADC08060 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Applications Information (Continued)
V
RT should always be at least 1.0V more positive than VRB
to minimize noise.
V
RM (pin 9) is the center of the reference ladder and should
be bypassed to a clean, quiet point in the analog ground
plane with a 0.1 µF capacitor. DO NOT allow this pin to float.
2.0 THE ANALOG INPUT
The analog input of the ADC08060 is a switch followed by an
integrator. The input capacitance changes with the clock
level, appearing as 3 pF when the clock is low, and 4 pF
when the clock is high. Since a dynamic capacitance is more
difficult to drive than is a fixed capacitance, choose an
amplifier that can drive this type of load. The LMH6702 has
been found to be a good amplifier to drive the ADC08060.
Figure 4 shows an example of an input circuit using the
LMH6702. Any input amplifier should incorporate some gain
as operational amplifiers exhibit better phase margin and
transient response with gains above 2 or 3 than with unity
gain. If an overall gain of less than 3 is required, attenuate
the input and operate the amplifier at a higher gain, as
shown in Figure 4.
20006233
FIGURE 3. Driving the reference to force desired values requires driving with a low impedance source.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com