Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC356LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC356LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC356LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC356LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROWAVE CORPORATION
8 - 123
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC356LP3
v01.0604
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 350 - 550 MHz
Item
Description
J1 - J2
PC Mount SMA RF Connector
J3 - J4
DC Pin
C1
10,000 pF Capacitor, 0402 Pkg.
C2
10,000 pF Capacitor, 0603 Pkg.
L1
51 nH Inductor, 0402 Pkg.
L2
36 nH Inductor, 0603 Pkg.
U1
HMC356LP3 Amplifier
PCB*
106722 Eval Board
* Circuit Board Material: Rogers 4350
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads and exposed paddle should be connected directly
to the ground plane similar to that shown. A sufficient
number of VIA holes should be used to connect the top
and bottom ground planes. The evaluation circuit board
shown is available from Hittite upon request.
List of Material



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com